Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQU4P40 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FQU4P40
Description  400V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU4P40 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FQU4P40 Datasheet HTML 1Page - Fairchild Semiconductor FQU4P40 Datasheet HTML 2Page - Fairchild Semiconductor FQU4P40 Datasheet HTML 3Page - Fairchild Semiconductor FQU4P40 Datasheet HTML 4Page - Fairchild Semiconductor FQU4P40 Datasheet HTML 5Page - Fairchild Semiconductor FQU4P40 Datasheet HTML 6Page - Fairchild Semiconductor FQU4P40 Datasheet HTML 7Page - Fairchild Semiconductor FQU4P40 Datasheet HTML 8Page - Fairchild Semiconductor FQU4P40 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
©2009 Fairchild Semiconductor International
Mechanical Dimensions
Rev. A2, January 2009
TO-252 (DPAK) (FS PKG Code 36)
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in:
millimeters
Part Weight per unit (gram): 0.33


Similar Part No. - FQU4P40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU4P40 FAIRCHILD-FQU4P40 Datasheet
647Kb / 9P
   400V P-Channel MOSFET
More results

Similar Description - FQU4P40

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMU4P40 KERSEMI-KSMU4P40 Datasheet
1Mb / 8P
   400V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB2P40 FAIRCHILD-FQB2P40 Datasheet
586Kb / 9P
   400V P-Channel MOSFET
FQPF4P40 FAIRCHILD-FQPF4P40 Datasheet
635Kb / 8P
   400V P-Channel MOSFET
FQP2P40 FAIRCHILD-FQP2P40 Datasheet
576Kb / 8P
   400V P-Channel MOSFET
FQD4P40 FAIRCHILD-FQD4P40 Datasheet
647Kb / 9P
   400V P-Channel MOSFET
FQD2P40 FAIRCHILD-FQD2P40 Datasheet
715Kb / 9P
   400V P-Channel MOSFET
FQD2P40 FAIRCHILD-FQD2P40_08 Datasheet
646Kb / 9P
   400V P-Channel MOSFET
logo
Guangdong Kexin Industr...
KQB4P40 KEXIN-KQB4P40 Datasheet
63Kb / 2P
   400V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD4P40 KERSEMI-KSMD4P40 Datasheet
1Mb / 8P
   400V P-Channel MOSFET
logo
Fairchild Semiconductor
FQP4P40 FAIRCHILD-FQP4P40 Datasheet
637Kb / 8P
   400V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com