Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQU20N06L Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQU20N06L
Description  N-Channel QFET MOSFET 60 V, 17.2 A, 42 m
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU20N06L Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQU20N06L Datasheet HTML 1Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 2Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 3Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 4Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 5Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 6Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 7Page - Fairchild Semiconductor FQU20N06L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2009 Fairchild Semiconductor Corporation
FQU20N06L Rev. C3
www.fairchildsemi.com
4
Typical Characteristics (Continued)
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
※ No t e s :
1 . Z
θ
JC(t ) = 3 . 2 8
℃ /W M a x .
2 . D u t y F a c t o r , D = t
1
/t
2
3 . T
JM - T C = P DM
Z
*
C
θ
J
(t )
s i n g le p u ls e
D= 0 . 5
0. 0 2
0. 2
0. 0 5
0. 1
0. 0 1
25
50
75
100
125
150
0
5
10
15
20
T
C, Case Temperature [
℃]
10
-1
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
10
3
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 150
o
C
3. Single Pulse
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
※ Notes :
1. V
GS
= 10 V
2. I
D
= 8.6 A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※Notes:
1. V
GS = 0 V
2. I
D = 250
μ A
T
J, Junction Temperature [
oC]
V
DS, Drain-Source Voltage [V]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
t
1 ,
S quar e W av e P ul s e D ur at i on [ s ec ]
Figure 11. Transient Thermal Response Curve
t
1
PDM
t
2


Similar Part No. - FQU20N06L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU20N06L FAIRCHILD-FQU20N06L Datasheet
664Kb / 9P
   60V LOGIC N-Channel MOSFET
FQU20N06L FAIRCHILD-FQU20N06L Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
logo
Inchange Semiconductor ...
FQU20N06L ISC-FQU20N06L Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQU20N06LE FAIRCHILD-FQU20N06LE Datasheet
656Kb / 9P
   60V LOGIC N-Channel MOSFET
FQU20N06LTU FAIRCHILD-FQU20N06LTU Datasheet
892Kb / 8P
   100% Avalanche Tested
More results

Similar Description - FQU20N06L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQP20N06TSTU FAIRCHILD-FQP20N06TSTU Datasheet
721Kb / 8P
   N-Channel QFET MOSFET 60 V, 20 A, 60 m
FQD13N06TF FAIRCHILD-FQD13N06TF Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQU13N06TU FAIRCHILD-FQU13N06TU Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
logo
ON Semiconductor
NTMFD5C674NL ONSEMI-NTMFD5C674NL Datasheet
369Kb / 7P
   MOSFET ??Dual, N-Channel 60 V, 14.4 m, 42 A
May, 2019 ??Rev. P3
logo
Fairchild Semiconductor
FQD7P06TF FAIRCHILD-FQD7P06TF Datasheet
543Kb / 8P
   P-Channel QFET MOSFET - 60 V, - 5.4 A, 450 m
logo
ON Semiconductor
NVMFD5C674NL ONSEMI-NVMFD5C674NL Datasheet
372Kb / 7P
   MOSFET ??Power, Dual N-Channel 60 V, 14.4 m, 42 A
December, 2020-Rev. P4
logo
Fairchild Semiconductor
FDMS86520 FAIRCHILD-FDMS86520 Datasheet
258Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 42 A, 7.4 m廓
logo
ON Semiconductor
NVMJD012N06CL ONSEMI-NVMJD012N06CL Datasheet
258Kb / 6P
   MOSFET - Power, Dual N-Channel 60 V, 11.9 m, 42 A
August, 2022 - Rev. 1
logo
Fairchild Semiconductor
FQB11P06TM FAIRCHILD-FQB11P06TM Datasheet
1Mb / 9P
   P-Channel QFET MOSFET -60 V, -11.4 A, 175 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com