Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1003M3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SB1003M3
Description  Schottky Barrier Diode 30V, 1A, Low IR, Single MCPH3
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB1003M3 Datasheet(HTML) 1 Page - ON Semiconductor

  SB1003M3 Datasheet HTML 1Page - ON Semiconductor SB1003M3 Datasheet HTML 2Page - ON Semiconductor SB1003M3 Datasheet HTML 3Page - ON Semiconductor SB1003M3 Datasheet HTML 4Page - ON Semiconductor SB1003M3 Datasheet HTML 5Page - ON Semiconductor SB1003M3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
91212 TKIM/63005SB MSIM TB-00001533 No.8375-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
SB1003M3
Schottky Barrier Diode
30V, 1A, Low IR, Single MCPH3
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Applications
High frequency rectification (switching regulators, converters, choppers)
Features
Low switching noise
Low leakage current and high reliability due to highly reliable planar structure
Ultrasmall package permitting applied sets to be small and slim (Mounting height 0.85mm)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
35
V
Average Output Current
I
O
1.0
A
Surge Forward Current
I
FSM
50Hz sine wave, 1 cycle
10
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7019A-001
Ordering number : EN8375A
Product & Package Information
• Package
: MCPH3
• JEITA, JEDEC
: SC-70, SOT-323
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
1 : Anode
2 : No Contact
3 : Cathode
MCPH3
2.0
0.65
0.3
0.15
12
3
0 to 0.02
SK
TL
SB1003M3-TL-E
3
2
1


Similar Part No. - SB1003M3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB1003M3 SANYO-SB1003M3 Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 1.0A Rectifier
More results

Similar Description - SB1003M3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SB07-03C-TB-E ONSEMI-SB07-03C-TB-E Datasheet
321Kb / 6P
   Schottky Barrier Diode 30V, 0.7A, Low IR, Single CP
September, 2013
logo
Sanyo Semicon Device
SBE813 SANYO-SBE813 Datasheet
40Kb / 3P
   Low IR Schottky Barrier Diode 30V, 3.0A Rectifier
SB0503EC SANYO-SB0503EC Datasheet
51Kb / 3P
   Low IR Schottky Barrier Diode 30V, 0.5A Rectifier
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
   Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
SS1003EJ SANYO-SS1003EJ Datasheet
36Kb / 3P
   Schottky Barrier Diode 30V, 1A Rectifier
SB1003EJ SANYO-SB1003EJ Datasheet
40Kb / 3P
   SCHOTTKY BARRIER DIODE 30V, 1A RECTIFIER
SB1003M SANYO-SB1003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 1A Rectifier
SS1003M SANYO-SS1003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 1A Rectifier
logo
Fuji Electric
MS868C12 FUJI-MS868C12 Datasheet
625Kb / 5P
   Low IR Schottky Barrier Diode
PG865C15R FUJI-PG865C15R Datasheet
567Kb / 5P
   Low IR Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com