Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1500I Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SC1500I
Description  APC Smart-UPS SC 1500VA 230V - 2U Rackmount/Tower
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC1500I Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SC1500I Datasheet HTML 1Page - List of Unclassifed Manufacturers SC1500I Datasheet HTML 2Page - List of Unclassifed Manufacturers SC1500I Datasheet HTML 3Page - List of Unclassifed Manufacturers SC1500I Datasheet HTML 4Page - List of Unclassifed Manufacturers SC1500I Datasheet HTML 5Page - List of Unclassifed Manufacturers SC1500I Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
**The time to recharge to 90% of full battery capacity following a discharge to shutdown using a load rated for 1/2 the full
load rating of the UPS.
Conformance
Regulatory Approvals
C-tick,CE,GOST,VDE
Standard Warranty
2 years repair or replace
ROHS/WEEE Compliance
RoHS 7b Exemption


Similar Part No. - SC1500I

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC15-11 KINGBRIGHT-SC15-11 Datasheet
671Kb / 5P
   38mm (1.5 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC15-11EWA KINGBRIGHT-SC15-11EWA Datasheet
671Kb / 5P
   38mm (1.5 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC15-11EWA KINGBRIGHT-SC15-11EWA Datasheet
217Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC15-11GWA KINGBRIGHT-SC15-11GWA Datasheet
671Kb / 5P
   38mm (1.5 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC15-11GWA KINGBRIGHT-SC15-11GWA Datasheet
216Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SC1500I

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SMT1500RMI2U SCHNEIDER-SMT1500RMI2U Datasheet
82Kb / 3P
   APC Smart-UPS 1500VA LCD RM 2U 230V
SMT1500I SCHNEIDER-SMT1500I Datasheet
135Kb / 3P
   APC Smart-UPS 1500VA LCD 230V
May 8, 2018
logo
List of Unclassifed Man...
SUA1500I ETC2-SUA1500I Datasheet
113Kb / 1P
   APC Smart-UPS 1500VA USB Serial 230V
SC620I ETC2-SC620I Datasheet
44Kb / 5P
   APC Smart-UPS SC 620VA 230V
SC420I ETC2-SC420I Datasheet
160Kb / 4P
   APC Smart-UPS SC 420VA 230V
logo
Schneider Electric
SUA1500RM2U SCHNEIDER-SUA1500RM2U Datasheet
88Kb / 3P
   APC Smart-UPS 1500VA USB & Serial RM 2U 120V
SMT2200RMI2U SCHNEIDER-SMT2200RMI2U Datasheet
83Kb / 4P
   APC Smart-UPS 2200VA LCD RM 2U 230V
Jul 21, 2021
SUA750RMI2U SCHNEIDER-SUA750RMI2U Datasheet
99Kb / 4P
   APC Smart-UPS 750VA USB RM 2U 230V
logo
List of Unclassifed Man...
SU1000INET ETC2-SU1000INET Datasheet
62Kb / 1P
   APC Smart-UPS 1000 230V
logo
Schneider Electric
SMT750I SCHNEIDER-SMT750I Datasheet
105Kb / 3P
   APC Smart-UPS 750VA LCD 230V
Sep 20, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com