Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM4739 Datasheet(PDF) 1 Page - General Semiconductor

Part # ZM4739
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

ZM4739 Datasheet(HTML) 1 Page - General Semiconductor

  ZM4739 Datasheet HTML 1Page - General Semiconductor ZM4739 Datasheet HTML 2Page - General Semiconductor ZM4739 Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
♦ Silicon Planar Power Zener Diodes
♦ For use in stabilizing and clipping circuits with high
power rating.
♦ Standard Zener voltage tolerance is ±10%. Add suf-
fix “A” for ±5% tolerance. Other Zener voltages and
tolerances are available upon request.
♦ These diodes are also available in DO-41 case with the type
designation 1N4728 … 1N4764.
MECHANICAL DATA
Case: MELF Glass Case
Weight: approx. 0.25 g
MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified.
ZM4728 THRU ZM4764
ZENER DIODES
.022 (0.55)
.205 (5.2)
Cathode Mark
.189 (4.8)
MELF
Dimensions are in inches and (millimeters)
Characteristics at Tamb = 25 °C
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance
RthJA
170(1)
°C/W
Junction to Ambient Air
Forward Voltage
VF
1.2
Volts
at IF = 200 mA
NOTES:
(1) Valid provided that electrodes are kept at ambient temperature
SYMBOL
VALUE
UNIT
Zener Current (see Table “Characteristics”)
Power Dissipation at Tamb = 25°C
Ptot
1.0(1)
Watts
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
– 65 to +150
°C
12/16/98


Similar Part No. - ZM4739

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZM4739 SEMTECH-ZM4739 Datasheet
226Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Zibo Seno Electronic En...
ZM4739 ZSELEC-ZM4739 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
GOOD-ARK Electronics
ZM4739 GOOD-ARK-ZM4739 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Bytesonic Electronics C...
ZM4739 BYTESONIC-ZM4739 Datasheet
253Kb / 3P
   Silicon Planar Power Zener Diodes
logo
EIC discrete Semiconduc...
ZM4739 EIC-ZM4739 Datasheet
34Kb / 2P
   ZENER DIODES
More results

Similar Description - ZM4739

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com