Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SiHP17N60D-GE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SiHP17N60D-GE3
Description  D Series Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiHP17N60D-GE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SiHP17N60D-GE3 Datasheet HTML 1Page - Vishay Siliconix SiHP17N60D-GE3 Datasheet HTML 2Page - Vishay Siliconix SiHP17N60D-GE3 Datasheet HTML 3Page - Vishay Siliconix SiHP17N60D-GE3 Datasheet HTML 4Page - Vishay Siliconix SiHP17N60D-GE3 Datasheet HTML 5Page - Vishay Siliconix SiHP17N60D-GE3 Datasheet HTML 6Page - Vishay Siliconix SiHP17N60D-GE3 Datasheet HTML 7Page - Vishay Siliconix SiHP17N60D-GE3 Datasheet HTML 8Page - Vishay Siliconix SiHP17N60D-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SiHP17N60D
www.vishay.com
Vishay Siliconix
S12-0813-Rev. B, 30-Apr-12
2
Document Number: 91464
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
a. Repetitive rating; pulse width limited by maximum junction temperature.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-62
°C/W
Maximum Junction-to-Case (Drain)
RthJC
-0.45
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
600
-
-
V
VDS Temperature Coefficient
V
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.7
-
V/°C
Gate-Source Threshold Voltage (N)
VGS(th)
VDS = VGS, ID = 250 μA
3
-
5
V
Gate-Source Leakage
IGSS
VGS = ± 30 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 600 V, VGS = 0 V
-
-
1
μA
VDS = 480 V, VGS = 0 V, TJ = 125 °C
-
-
100
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 8 A
-
0.275
0.340
Forward Transconductancea
gfs
VDS = 50 V, ID = 8 A
-
6.2
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 100 V,
f = 1 MHz
-
1780
-
pF
Output Capacitance
Coss
-
140
-
Reverse Transfer Capacitance
Crss
-15
-
Total Gate Charge
Qg
VGS = 10 V
ID = 8 A, VDS = 480 V
-45
90
nC
Gate-Source Charge
Qgs
-14
-
Gate-Drain Charge
Qgd
-22
-
Turn-On Delay Time
td(on)
VDD = 300 V, ID = 8 A
Rg = 9.1 , VGS = 10 V
-22
45
ns
Rise Time
tr
-56
85
Turn-Off Delay Time
td(off)
-37
75
Fall Time
tf
-30
60
Internal Gate Resistance
Rg
f = 1 MHz, open drain
-
1.6
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
17
A
Pulsed Diode Forward Current
ISM
--
48
Body Diode Voltage
VSD
TJ = 25 °C, IS = 8 A, VGS = 0 V
-
-
1.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = IS,
dI/dt = 100 A/μs, VR = 20 V
-
633
950
ns
Body Diode Reverse Recovery Charge
Qrr
-
7
15
μC
Reverse Recovery Current
IRRM
-21
42
A
S
D
G


Similar Part No. - SiHP17N60D-GE3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SIHP17N60D ISC-SIHP17N60D Datasheet
329Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
SIHP17N60D VISHAY-SIHP17N60D Datasheet
178Kb / 8P
   D Series Power MOSFET
01-Jan-2022
SIHP17N60D VISHAY-SIHP17N60D_V01 Datasheet
178Kb / 8P
   D Series Power MOSFET
01-Jan-2022
More results

Similar Description - SiHP17N60D-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHP14N50D VISHAY-SIHP14N50D Datasheet
165Kb / 9P
   D Series Power MOSFET
Rev. A, 21-May-12
SIHB8N50D VISHAY-SIHB8N50D Datasheet
155Kb / 7P
   D Series Power MOSFET
Rev. A, 21-Jan-13
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
   D Series Power MOSFET
01-Jan-2022
SIHF6N40D VISHAY-SIHF6N40D_V01 Datasheet
182Kb / 9P
   D Series Power MOSFET
01-Jan-2022
SIHP17N60D VISHAY-SIHP17N60D_V01 Datasheet
178Kb / 8P
   D Series Power MOSFET
01-Jan-2022
SIHU3N50DA VISHAY-SIHU3N50DA Datasheet
203Kb / 10P
   D Series Power MOSFET
01-Jan-2022
SIHS36N50D VISHAY-SIHS36N50D Datasheet
174Kb / 8P
   D Series Power MOSFET
Rev. A, 18-Jun-12
SIHF18N50D VISHAY-SIHF18N50D Datasheet
179Kb / 8P
   D Series Power MOSFET
Rev. B, 15-Aug-16
SIHU3N50D VISHAY-SIHU3N50D Datasheet
187Kb / 8P
   D Series Power MOSFET
Rev. A, 02-Apr-12
SIHU5N50D VISHAY-SIHU5N50D Datasheet
187Kb / 8P
   D Series Power MOSFET
Rev. A, 02-Apr-12
IRFP460B VISHAY-IRFP460B Datasheet
186Kb / 8P
   D Series Power MOSFET
Rev. B, 16-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com