Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1590Z135 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1590Z135
Description  Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590Z135 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1590Z135 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1590Z135 Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1590Z135 Datasheet HTML 3Page - Hammond Manufacturing Ltd. 1590Z135 Datasheet HTML 4Page - Hammond Manufacturing Ltd. 1590Z135 Datasheet HTML 5Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Path: Home > Enclosure Index > Diecast Aluminum Watertight - Heavy Duty
Key Features:
Rugged, diecast aluminum alloy (tough yet easy to machine), electronic instrument enclosure.
Two piece “tongue & groove” construction with a one piece silicone rubber gasket provides protection against access of
dust and water.
Ideal for repetitive opening and closing.
Four recessed stainless steel machine screws secure lid into tapped holes.
Easy to wall mount using "through box - blind hole" construction, outside of gasket protection.
Lid screws are self captivating (lid holes are threaded with the first installation of lid screws).
Designed to meet IP66.
North American Mark of Safety - cUL & UL listed. Certified to NEMA 4X standards (UL 508) - File #E65324
Painted versions are painted inside and out with a tough powder paint. Choice of satin black or smooth grey (RAL
7001).
For non-metallic (glass reinforced polyester) versions of these enclosures link here to our 1590ZGRP series
Watertight - Thick Wall - Diecast Aluminum Enclosures
Heavy Duty (1590Z Series)
click to enlarge
<
Part Number Color Reader
File
AutoCAD
.dwg File
(zipped)
3D
Solid Model
.igs & .stp
files (zipped)
Internal
Mounting
Shelf
Units Length Width
Enclosure
Depth
(Less Lid)
Lid
Thickness
1590Z060
1590Z060BK
1590Z060GY
Natural
Black
Grey
344K
165K
199K
NO
Inches 1.98
1.77
.95
0.24
mm
50
45
24
6
1590Z061
1590Z061BK
1590Z061GY
Natural
Black
Grey
297K
221K
379K
NO
Inches 2.51
2.29
1.03
0.39
mm
64
58
26
10
1590Z100
1590Z100BK
1590Z100GY
Natural
Black
Grey
325K
187K
226K
YES
Inches 2.94
3.14
1.57
0.47
mm
76
80
40
12
1590Z110
1590Z110BK
1590Z110GY
Natural
Black
Grey
330K
195K
282K
NO
Inches 2.94
3.14
1.57
0.47
mm
76
80
40
12
1590Z062
1590Z062BK
1590Z062GY
Natural
Black
Grey
358K
296K
503K
NO
Inches 3.86
2.52
1.03
0.39
mm
98
64
26
10
1590Z119
1590Z119BK
1590Z119GY
Natural
Black
Grey
397K
208K
631K
YES
Inches 4.80
4.72
2.36
0.8
mm
122
120
60
20
1590Z120
Natural
Inches 4.90
3.15
1.75
0.61


Similar Part No. - 1590Z135

ManufacturerPart #DatasheetDescription
logo
Heyco.
1590 HEYCO-1590 Datasheet
116Kb / 1P
   Original Strain Relief Bushings
logo
List of Unclassifed Man...
1590-2 ETC2-1590-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
1590-2 ETC2-1590-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
1590-2 ETC2-1590-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
logo
Adels-Contact
159014 ADELS-159014 Datasheet
139Kb / 1P
   LEDtrack REEL/ 5 525 150 1P A75 C75
More results

Similar Description - 1590Z135

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590VFL HAMMOND-1590VFL Datasheet
152Kb / 2P
   DIECAST ALUMINUM ENCLOSURES
logo
CamdenBoss Ltd.
CHDX7 CAMDENBOSS-CHDX7 Datasheet
723Kb / 6P
   X7 series electrical heavy duty enclosures-polycarbonate
logo
Siemens Semiconductor G...
52BAK SIEMENS-52BAK Datasheet
325Kb / 4P
   30 mm Heavy Duty, Watertight/Oiltight, Class 52
logo
Hammond Manufacturing L...
1551W HAMMOND-1551W Datasheet
159Kb / 1P
   Watertight Polycarbonate Miniature Enclosures
7/24/22
logo
3M Electronics
438 3M-438 Datasheet
141Kb / 5P
   3M??Heavy Duty Aluminum Foil Tape 438
logo
Tyco Electronics
2-1437393-3 MACOM-2-1437393-3 Datasheet
420Kb / 14P
   200 Series Heavy Duty
logo
Laird Tech Smart Techno...
ODH9 LSTD-ODH9 Datasheet
537Kb / 1P
   Heavy duty aluminum extrusion with powder coat paint
logo
Hammond Manufacturing L...
1455 HAMMOND-1455 Datasheet
509Kb / 7P
   Extruded Aluminum Enclosures
logo
List of Unclassifed Man...
SL1021 ETC1-SL1021 Datasheet
78Kb / 2P
   Medium / Heavy Duty Arrester Series
logo
Bud Industries, Inc.
HD-7608 BUD-HD-7608 Datasheet
237Kb / 1P
   HD SERIES - HEAVY DUTY NEAMA
1/8/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com