Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z4KE190 Datasheet(PDF) 1 Page - General Semiconductor

Part # Z4KE190
Description  GLASS PASSIVATED ZENER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

Z4KE190 Datasheet(HTML) 1 Page - General Semiconductor

  Z4KE190 Datasheet HTML 1Page - General Semiconductor Z4KE190 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Z4KE100 THRU Z4KE200A
GLASS PASSIVATED ZENER
Zener Voltage - 100 to 200 Volts
Steady State Power - 1.5 Watts
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ Low Zener impedance
♦ Low regulation factor
♦ Glass passivated junction
♦ High temperature soldering guaranteed:
260°C/10 seconds 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-204AL molded plastic over passivated
junction
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes positive end (cathode)
Mounting Position: Any
Weight: 0.012 ounce, 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
OPERATING JUNCTION AND STORAGE TEMPERATURE RANGE: TJ, TSTG: -55°C to +150°C
MAXIMUM
INSTANTANEOUS
MAXIMUM
ZENER
MAXIMUM ZENER
MAXIMUM DC REVERSE
FORWARD
CONTINUOUS
VOLTAGE
DYNAMIC
LEAKAGE CURRENT AT
VOLTAGE
REGULATOR
TYPE
at 5.0mA
IMPEDANCE
VR
at 0.50A
CURRENT (1)
VZ
IZT
ZZT
IZK
ZZK
VR
IR @ 25°C
IR 100°C
VFM
IZM
(Volts)
(mA)
(Ohms)
(mA)
(Ohms)
(Volts)
(
µA)
(
µA)
(Volts)
(
µA)
MIN
MAX
Z4KE100
90
110
5.0
500
0.25
5000
72.0
0.5
100.0
1.0
15.0
Z4KE100A
95
105
5.0
500
0.25
5000
76.0
0.5
100.0
1.0
15.0
Z4KE110
99
121
5.0
600
0.25
5000
79.2
0.5
100.0
1.0
13.0
Z4KE110A
104
116
5.0
600
0.25
5000
83.2
0.5
100.0
1.0
13.0
Z4KE120
108
132
5.0
700
0.25
5000
86.4
0.5
100.0
1.0
12.0
Z4KE120A
114
126
5.0
700
0.25
5000
91.2
0.5
100.0
1.0
12.0
Z4KE130
117
143
5.0
800
0.25
5000
93.6
0.5
100.0
1.0
11.0
Z4KE130A
124
137
5.0
800
0.25
5000
99.2
0.5
100.0
1.0
11.0
Z4KE140
126
154
5.0
900
0.25
5000
100
0.5
100.0
1.0
10.7
Z4KE140A
133
147
5.0
900
0.25
5500
106.4
0.5
100.0
1.0
10.7
Z4KE150
135
165
5.0
1000
0.25
6000
108.0
0.5
100.0
1.0
10.0
Z4KE150A
142
158
5.0
1000
0.25
6000
113.6
0.5
100.0
1.0
10.0
Z4KE160
144
176
5.0
1100
0.25
6500
115.2
0.5
100.0
1.0
9.0
Z4KE160A
152
168
5.0
1100
0.25
6500
121.6
0.5
100.0
1.0
9.0
Z4KE170
153
187
5.0
1200
0.25
7000
122.4
0.5
100.0
1.0
8.8
Z4KE170A
162
179
5.0
1200
0.25
7000
129.6
0.5
100.0
1.0
8.0
Z4KE180
162
198
5.0
1300
0.25
7000
129.6
0.5
100.0
1.0
8.0
Z4KE180A
171
189
5.0
1300
0.25
7000
136.8
0.5
100.0
1.0
8.0
Z4KE190
171
209
5.0
1400
0.25
7500
136.8
0.5
100.0
1.0
7.9
Z4KE190A
180
200
5.0
1400
0.25
7500
144.0
0.5
100.0
1.0
7.9
Z4KE200
180
220
5.0
1500
0.25
8000
144.0
0.5
100.0
1.0
7.0
Z4KE200A
190
210
5.0
1500
0.25
8000
152.0
0.5
100.0
1.0
7.0
NOTES:
(1) Standard voltage tolerance is ±10%, suffix "A" is ± 5%
(2) Temperature rating at specified regulator current is TL=30°C
(3) Maximum steady state power dissipation is 1.5 watts at TL=75°C
with lead length 0.375" (9.5mm)
0.107 (2.7)
0.080 (2.0)
0.034 (0.86)
0.028 (0.71)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)
DIA.
Dimensions in inches and (millimeters)
DO-204AL
1/20/99


Similar Part No. - Z4KE190

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z4KE190 VISHAY-Z4KE190 Datasheet
96Kb / 4P
   Glass Passivated Power Voltage-Regulating Diodes
Revision: 22-Oct-08
Z4KE190A VISHAY-Z4KE190A Datasheet
96Kb / 4P
   Glass Passivated Power Voltage-Regulating Diodes
Revision: 22-Oct-08
More results

Similar Description - Z4KE190

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SML4728 JUXING-SML4728 Datasheet
378Kb / 2P
   Glass Passivated Zener
DZL4728 JUXING-DZL4728 Datasheet
1Mb / 2P
   Glass Passivated Zener
logo
SHENZHEN YONGERJIA INDU...
1AZ3.3 WINNERJOIN-1AZ3.3 Datasheet
203Kb / 3P
   Glass Passivated Zener
logo
Guangdong Juxing Electr...
SML4728 JUXING-SML4728_09 Datasheet
667Kb / 2P
   Glass Passivated Zener
logo
DONGGUAN YOU FENG WEI E...
SML4728 YFWDIODE-SML4728 Datasheet
82Kb / 2P
   Glass Passivated Zener
logo
Shenzhen Luguang Electr...
DZL4728 LUGUANG-DZL4728 Datasheet
998Kb / 2P
   Glass Passivated Zener
logo
Shenzhen Taychipst Elec...
ZY6V2GP TAYCHIPST-ZY6V2GP Datasheet
7Mb / 2P
   Glass Passivated Zener Diode
logo
General Semiconductor
ZGL41-100 GE-ZGL41-100 Datasheet
40Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
GLL4735 GE-GLL4735 Datasheet
37Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
SML4735 GE-SML4735 Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com