Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6T30CAY Datasheet(PDF) 4 Page - STMicroelectronics

Part # SM6T30CAY
Description  Automotive 600 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T30CAY Datasheet(HTML) 4 Page - STMicroelectronics

  SM6T30CAY Datasheet HTML 1Page - STMicroelectronics SM6T30CAY Datasheet HTML 2Page - STMicroelectronics SM6T30CAY Datasheet HTML 3Page - STMicroelectronics SM6T30CAY Datasheet HTML 4Page - STMicroelectronics SM6T30CAY Datasheet HTML 5Page - STMicroelectronics SM6T30CAY Datasheet HTML 6Page - STMicroelectronics SM6T30CAY Datasheet HTML 7Page - STMicroelectronics SM6T30CAY Datasheet HTML 8Page - STMicroelectronics SM6T30CAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
SM6TY
4/12
Doc ID 17741 Rev 3
Figure 5.
Clamping voltage versus peak pulse current exponential waveform (maximum values)
Figure 3.
Peak power dissipation versus
initial junction temperature
(typical values)
Figure 4.
Peak pulse power versus
exponential pulse duration
0
100
200
300
400
500
600
700
10/1000 µs
0
25
50
75
100
125
150
175
P
pp (W)
Tj(°C)
0.1
1.0
10.0
100.0
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
P
PP(kW)
T
j initial = 25 °C
tP(ms)
0.1
1.0
10.0
100.0
1000.0
1
10
100
1000
I
PP(A)
T
= 25 °C
j initial
8/20 µs
10/1000 µs
V (V)
CL


Similar Part No. - SM6T30CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T30CAY STMICROELECTRONICS-SM6T30CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
More results

Similar Description - SM6T30CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM6T250CAY STMICROELECTRONICS-SM6T250CAY Datasheet
238Kb / 9P
   Automotive 600 W Transil
SM6T33CAY STMICROELECTRONICS-SM6T33CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T22CAY STMICROELECTRONICS-SM6T22CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SMA6T15CAY STMICROELECTRONICS-SMA6T15CAY Datasheet
331Kb / 11P
   Automotive 600 W Transil in SMA package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com