Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8805285100 Datasheet(PDF) 1 Page - Meder Electronic

Part # 8805285100
Description  Reed Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

8805285100 Datasheet(HTML) 1 Page - Meder Electronic

  8805285100 Datasheet HTML 1Page - Meder Electronic 8805285100 Datasheet HTML 2Page - Meder Electronic 8805285100 Datasheet HTML 3Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BE05-2A85-P
Item:
| Email: salesasia@meder.com
8805285100
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Coil Data at 20 °C
Conditions
Min
Typ
Max
Unit
Coil resistance
Coil voltage
Rated power
= operating temperature + self heating
Thermal resistance
Pull-In voltage
Drop-Out voltage
Contact Data 85
Conditions
Min
Typ
Max
Unit
!"##!!$%
not to exceed their individual max.'s
Contact rating
DC or Peak AC
Switching voltage
DC or Peak AC
Switching current
&
!'(
100% Duty Cycle
Carry current
Measured with 40% overdrive
Contact resistance static
)
RH <45 %, 100 V test voltage
Insulation resistance
(
&
according to IEC 255-5
Breakdown voltage (20-30 AT)
*
measured with 40% overdrive
Operate time incl. bounce
*
&
measured with no coil excitation
Release time
+
@ 10 kHz across open switch
Capacitance
Special Product Data
Conditions
Min
Typ
Max
Unit
2
Number of contacts
A - NO
Contact - form
(
&
according to IEC 255-5
Dielectric Strength Coil/Contact
)
RH <45%, 200 VDC test voltage
Insulation resistance Coil/Contact
Case colour
Polycarbonat
Housing material
Polyurethan
Sealing compound
Copper alloy tin plated
Connection pins
Magnetic Shield
yes
Reach / RoHS conformity
Environmental data
Conditions
Min
Typ
Max
Unit
Modifications in the sense of technical progress are reserved
03.11.09
SERVICES_EUROPE
01
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
KOLBRICH
Approval by:
Approval by:
20.11.09
Approval at:
Approval at:


Similar Part No. - 8805285100

ManufacturerPart #DatasheetDescription
logo
Standex Electronics, In...
8805285100 STANDEX-8805285100 Datasheet
99Kb / 2P
   BE Series Reed Relay
Version: 01
More results

Similar Description - 8805285100

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
D1A120000 COSMO-D1A120000 Datasheet
148Kb / 1P
   REED RELAY
D2A120000 COSMO-D2A120000 Datasheet
148Kb / 1P
   REED RELAY
DIC121000 COSMO-DIC121000 Datasheet
144Kb / 1P
   REED RELAY
D1B050000 COSMO-D1B050000 Datasheet
148Kb / 1P
   REED RELAY
D1B240000 COSMO-D1B240000 Datasheet
149Kb / 1P
   REED RELAY
D2A121000 COSMO-D2A121000 Datasheet
148Kb / 1P
   REED RELAY
S1A050099 COSMO-S1A050099 Datasheet
140Kb / 1P
   Reed Relay
logo
Meder Electronic
3205172111 MEDER-3205172111 Datasheet
116Kb / 3P
   Reed Relay
3205200021 MEDER-3205200021 Datasheet
115Kb / 3P
   Reed Relay
3212001051 MEDER-3212001051 Datasheet
118Kb / 3P
   Reed Relay
3212001151 MEDER-3212001151 Datasheet
118Kb / 3P
   Reed Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com