Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35312-1062 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 35312-1062
Description  2.50mm Pitch Header, Vertical, Shrouded, with Positive Lock, 7 Circuits, PA Polyamide (Nylon) 6/6, Glass-filled, Natural, Lead-Free
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

35312-1062 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  35312-1062 Datasheet HTML 1Page - Molex Electronics Ltd. 35312-1062 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
35312-1062
Status:
Active
Description:
2.50mm Pitch Header, Vertical, Shrouded, with Positive Lock, 10 Circuits, PA
Polyamide (Nylon) 6/6, Glass-filled Red
Documents:
3D Model
Packaging Specification PK-35312-013 (PDF)
Drawing (PDF)
Packaging Specification PK-35312-014 (PDF)
Product Specification PS-35155-002 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
E9450420E01
UL
E29179
General
Product Family
PCB Headers
Series
35312
Application
Signal, Wire-to-Board
Product Name
N/A
UPC
822350649360
Physical
Breakaway
No
Circuits (Loaded)
10
Circuits (maximum)
10
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
0.848/g
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.40mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
2.50mm
Pitch - Termination Interface
2.50mm
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35312Series
Mates With
Wire-to-Wire and Wire-to-Board Housing
35572 Crimp Housing, 35155


Similar Part No. - 35312-1062

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35312-1062 MOLEX4-35312-1062 Datasheet
231Kb / 5P
   2.50mm (.098") Pitch Header, Vertical, Shrouded, with Positive Lock, 10 Circuits, PAPolyamide (Nylon) 6/6, Glass-filled Red
More results

Similar Description - 35312-1062

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35312-0760 MOLEX11-35312-0760 Datasheet
41Kb / 2P
   2.50mm Pitch Header, Vertical, Shrouded, with Positive Lock, 7 Circuits, PA Polyamide (Nylon) 6/6, Glass-filled, Natural, Lead-Free
35312-1560 MOLEX11-35312-1560 Datasheet
41Kb / 2P
   2.50mm Pitch Header, Vertical, Shrouded, with Positive Lock, 15 Circuits, PA Polyamide (Nylon) 6/6, Glass-filled, Natural, Lead-Free
35312-1460 MOLEX11-35312-1460 Datasheet
41Kb / 2P
   2.50mm Pitch Header, Vertical, Shrouded, with Positive Lock, 14 Circuits, PA Polyamide (Nylon) 6/6, Glass-filled, Natural, Lead-Free
35312-1160 MOLEX11-35312-1160 Datasheet
41Kb / 2P
   2.50mm Pitch Header, Vertical, Shrouded, with Positive Lock, 11 Circuits, PA Polyamide (Nylon) 6/6, Glass-filled, Natural, Lead-Free
35312-0960 MOLEX11-35312-0960 Datasheet
41Kb / 2P
   2.50mm Pitch Header, Vertical, Shrouded, with Positive Lock, 9 Circuits, PA Polyamide (Nylon) 6/6, Glass-filled, Natural, Lead-Free
35312-0260 MOLEX11-35312-0260 Datasheet
41Kb / 2P
   2.50mm Pitch Header, Vertical, Shrouded, with Positive Lock, 2 Circuits, PA Polyamide (Nylon) 6/6, Glass-filled, Natural, Lead-Free
35312-0860 MOLEX11-35312-0860 Datasheet
41Kb / 2P
   2.50mm Pitch Header, Vertical, Shrouded, with Positive Lock, 8 Circuits, PA Polyamide (Nylon) 6/6, Glass-filled, Natural, Lead-Free
35312-1060 MOLEX11-35312-1060 Datasheet
41Kb / 2P
   2.50mm Pitch Header, Vertical, Shrouded, with Positive Lock, 10 Circuits, PA Polyamide (Nylon) 6/6, Glass-filled, Natural, Lead-Free
35312-1260 MOLEX11-35312-1260 Datasheet
41Kb / 2P
   2.50mm Pitch Header, Vertical, Shrouded, with Positive Lock, 8 Circuits, PA Polyamide (Nylon) 6/6, Glass-filled, Natural, Lead-Free
35312-0660 MOLEX11-35312-0660 Datasheet
41Kb / 2P
   2.50mm Pitch Header, Vertical, Shrouded, with Positive Lock, 6 Circuits, PA Polyamide (Nylon) 6/6, Glass-filled, Natural
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com