Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E176 Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # E176
Description  T-3 1/4 Jumbo LEDs (10mm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E176 Datasheet(HTML) 1 Page - Gilway Technical Lamp

  E176 Datasheet HTML 1Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
T-3¼ Jumbo LEDs (10mm)
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
1
E186
Diffused
550mcd
650mcd
60°
1.85V
2.5V
660nm
A
2
E176
Diffused
20mcd
100mcd
50°
2.0V
2.5V
625nm
A
3
E179
Diffused
400mcd
1000mcd
60°
1.95V
2.5V
620nm
A
4
E177
Diffused
20mcd
70mcd
50°
2.1V
2.5V
590nm
A
5
E178
Diffused
20mcd
70mcd
50°
2.2V
2.5V
565nm
A
T-3¼ Jumbo, Flashing LEDs (10mm)
Forward
Forward
Luminous Intensity Viewing
Peak
Line
Part
D.C. Voltage
Current (mA)
at 9.0 VDC
Angle
Frequency
Wave
No.
No.
Lens
Min Typical Max
Min
Typical Max
Min
Max
2
θθθθθ½
(Hz)
Length Drawing
9
E162
Diffused
3.5
12.0
13.0
38
56
70
100mcd
400mcd
60°
2.5 - 1.5
660nm
C
10
E163
Diffused
3.5
12.0
13.0
38
56
70
20mcd
70mcd
60°
2.5 - 1.5
590nm
C
11
E164
Diffused
3.5
12.0
13.0
38
56
70
20mcd
70mcd
60°
2.5 - 1.5
565nm
C
RED
GREEN
YELLOW
C
1M A X
2
.5
1.5
CATHODE
27 MIN
13.5
2.54
10
11
GREEN
YELLOW
A
1M A X
2
.5
1.5
CATHODE
27 MIN
13.5
2.54
10
11
ULTRA BRIGHT
RED
ULTRA BRIGHT
ORANGE
HIGH EFFICIENCY
RED
T-3¼ Jumbo, Bi-Color LED (10mm)
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Leads
Drawing
6
E187
White
100mcd
300mcd
50°
1.85V
2.5V
660nm
1.Red Anode
B
Diffused
40mcd
70mcd
50°
2.2V
2.5V
565nm
2.Cathode
3.Green Anode
7
E188
White
30mcd
90mcd
50°
2.0V
2.5V
660nm
1.Red Anode
B
Diffused
20mcd
60mcd
50°
2.2V
2.5V
565nm
2.Cathode
3.Green Cathode
8
E189
White
20mcd
60mcd
50°
2.2V
2.5V
565nm
1.Green Anode
B
Diffused
20mcd
60mcd
50°
2.1V
2.5V
590nm
2.Cathode
3.Yellow Anode
RED &
GREEN
RED &
GREEN
GREEN &
YELLOW
B
72


Similar Part No. - E176

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E176 GILWAY-E176 Datasheet
45Kb / 1P
   Engineering Catalog 169
More results

Similar Description - E176

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E21 GILWAY-E21 Datasheet
129Kb / 3P
   T-1 and T-1 3/4, Infrared LEDs
logo
Chicago Miniature Lamp,...
CMD333UWC CML-CMD333UWC Datasheet
58Kb / 1P
   T-1 3/4 White LEDs
logo
Gilway Technical Lamp
E480 GILWAY-E480 Datasheet
506Kb / 2P
   T-1 and T-1 3/4 Ultra Bright Blue LEDs
logo
Roithner LaserTechnik G...
333-2UBC ROITHNER-333-2UBC Datasheet
217Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383URC-3 ROITHNER-383URC-3_1 Datasheet
251Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383-2UBC ROITHNER-383-2UBC Datasheet
218Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383URC-2 ROITHNER-383URC-2 Datasheet
218Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383-2UBGC ROITHNER-383-2UBGC Datasheet
214Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
Everlight Electronics C...
DLE-038-159 EVERLIGHT-DLE-038-159 Datasheet
98Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
Roithner LaserTechnik G...
383URC-1 ROITHNER-383URC-1 Datasheet
77Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com