Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1175CIMTCX Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC1175CIMTCX
Description  8-Bit, 20MHz, 60mW A/D Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC1175CIMTCX Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC1175CIMTCX Datasheet HTML 2Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 3Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 4Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 5Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 6Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 7Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 8Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 9Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ADC1175
SNAS012H – JANUARY 2000 – REVISED APRIL 2013
www.ti.com
CONVERTER ELECTRICAL CHARACTERISTICS
The following specifications apply for AVDD = DVDD = +5.0VDC, OE = 0V, VRT = +2.6V, VRB = 0.6V, CL = 20 pF, fCLK = 20MHz
at 50% duty cycle. Boldface limits apply for TA = TMIN to TMAX; all other limits TA = 25°C
(1) (2)
Symbol
Parameter
Conditions
Typical(3)
Limits(3)
Units
DC Accuracy
INL
Integral Non Linearity
f CLK = 20 MHz
±0.5
±1.3
LSB ( max)
INL
Integral Non Linearity
f CLK = 30 MHz
±1.0
LSB ( max)
DNL
Differential Non Linearity
f CLK = 20 MHz
±0.35
±0.75
LSB ( max)
DNL
Differential Non Linearity
f CLK = 30 MHz
±1.0
LSB ( max)
Missing Codes
0
(max)
EOT
Top Offset
−24
mV
EOB
Bottom Offset
+37
mV
Video Accuracy
fin = 4.43 MHz sine wave
DP
Differential Phase Error
0.5
Degree
fCLK = 17.7 MHz
fin = 4.43 MHz sine wave
DG
Differential Gain Error
0.4
%
fCLK = 17.7 MHz
Analog Input and Reference Characteristics
VRB
V (min)
VIN
Input Range
2.0
VRT
V (max)
(CLK LOW)
4
CIN
VIN Input Capacitance
VIN = 1.5V + 0.7Vrms
pF
(CLK HIGH)
11
RIN
RIN Input Resistance
>1
M
Ω
BW
Analog Input Bandwidth
120
MHz
RRT
Top Reference Resistor
360
Ω
200
Ω (min)
RREF
Reference Ladder Resistance
VRT to VRB
300
400
Ω (max)
RRB
Bottom Reference Resistor
90
Ω
4.8
mA (min)
VRT =VRTS, VRB =VRBS
7
9.3
mA (max)
IREF
Reference Ladder Current
5.4
mA (min)
VRT =VRTS,VRB =AVSS
8
10.5
mA (max)
VRT connected to VRTS
VRT
Reference Top Self Bias Voltage
2.6
V
VRB connected to VRBS
VRT connected to VRTS
V (min)
Reference Bottom Self Bias
0.55
VRB
0.6
Voltage
0.65
VRB connected to VRBS
V (max)
VRT connected to VRTS
1.89
V (min)
2
VRB connected to VRBS
2.15
V (max)
VRTS -
Self Bias Voltage Delta
VRBS
VRT connected to VRTS
2.3
V
VRB connected to AVSS
1.0
V (min)
VRT - VRB
Reference Voltage Delta
2
2.8
V (max)
(1)
The analog inputs are protected as shown below. Input voltage magnitudes up to 6.5V or to 500 mV below GND will not damage this
device. However, errors in the A/D conversion can occur if the input goes above VDD or below GND by more than 50 mV. As an
example, if AVDD is 4.75VDC, the full-scale input voltage must be ≤4.80VDC to ensure accurate conversions. See Figure 2.
(2)
To ensure accuracy, it is required that AVDD and DVDD be well bypassed. Each supply pin must be decoupled with separate bypass
capacitors.
(3)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are specified to TI's AOQL (Average Outgoing
Quality Level).
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC1175


Similar Part No. - ADC1175CIMTCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1175CIMTCX NSC-ADC1175CIMTCX Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
More results

Similar Description - ADC1175CIMTCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1175 NSC-ADC1175 Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
logo
List of Unclassifed Man...
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
Fujitsu Component Limit...
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 20MHz)
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
ADS-325A MURATA-PS-ADS-325A Datasheet
145Kb / 8P
   10-Bit, 20MHz Sampling A/D Converter
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
C&D Technologies
ADS-325A CANDD-ADS-325A Datasheet
145Kb / 8P
   10-Bit, 20MHz Sampling A/D Converter
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com