Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBAS70-A-C-S Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GBAS70-A-C-S
Description  These schottky barrier diodes are designed for high speed switching applications, circuit protection and voltage clamping
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GBAS70-A-C-S Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GBAS70-A-C-S Datasheet HTML 1Page - E-Tech Electronics LTD GBAS70-A-C-S Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
GBAS70/A/C/S
Page: 1/2
ISSUED DATE :2003/04/10
REVISED DATE :2005/12/28B
G
G B
B A
AS
S 7700// A
A//C
C //S
S
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E
V O L T A G E 7 0 V, C U R R E N T 7 0 m A
Description
These Schottky barrier diodes are designed for high speed switching applications, circuit protection and
voltage clamping. Extremely low forward voltage reduces conduction loss. Miniature surface mount package is
excellent for hand held and portable applications where space is limited.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90 REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
10°
Absolute Maximum Ratings at TA = 25 ::::
Parameter
Symbol
Ratings
Unit
Operating Junction Temperature
Tj
+125
:
Storage Temperature
Tstg
-65 ~ +125
:
Maximum Repetitive Peak Reverse Voltage
VRRM
70
V
Maximum Average Forward Rectified Current
Io
70
mA
Non- Repetitive Peak Forward Surge Current @ tp 1.0s
IFSM
100
mA
Thermal Resistance Junction to Ambient Air
R JA
445
: /W
Total Power Dissipation
PD
225
mW
Electrical Characteristics (at TA = 25 : unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)R
70
-
-
V
IR=10 A
-
-
410
IF1=1mA
-
-
750
IF1=10mA
Forward Voltage
VF
-
-
1000
mV
IF2=15mA
-
100
nA
VR1=50V
Reverse Leakage Current
IR
-
10
uA
VR2=70V
Total Capacitance
CT
-
-
2.0
pF
VR=0V, f=1MHz
Reverse Recover Time
Trr
-
-
5.0
ns
IF=IR=10mA, RL=100 , Irr=1mA


Similar Part No. - GBAS70-A-C-S

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GBAS70 GTM-GBAS70 Datasheet
178Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GBAS70A GTM-GBAS70A Datasheet
178Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GBAS70C GTM-GBAS70C Datasheet
178Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GBAS70S GTM-GBAS70S Datasheet
178Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - GBAS70-A-C-S

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GBAS40 ETL-GBAS40 Datasheet
218Kb / 2P
   These schottky barrier diodes are designed for high speed switching applications, circuit protection and voltage clamping
logo
Siemens Semiconductor G...
BAS40- SIEMENS-BAS40- Datasheet
108Kb / 5P
   Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS70W SIEMENS-BAS70W Datasheet
172Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS170W SIEMENS-BAS170W Datasheet
96Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40W SIEMENS-BAS40W Datasheet
141Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS70- SIEMENS-BAS70- Datasheet
108Kb / 5P
   Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS140W SIEMENS-BAS140W Datasheet
142Kb / 4P
   Silicon Schottky Diode (General purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70-04S SIEMENS-BAS70-04S Datasheet
45Kb / 4P
   Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS70-06S SIEMENS-BAS70-06S Datasheet
46Kb / 4P
   Silicon Schottky Diode Array (General-purpose diode for high-speed switching Circuit protection Voltage clamping)
BAS70-07W SIEMENS-BAS70-07W Datasheet
42Kb / 4P
   Silicon Schottky Diode (General-purpose diode for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com