Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZPY91 Datasheet(PDF) 2 Page - General Semiconductor

Part # ZPY91
Description  ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

ZPY91 Datasheet(HTML) 2 Page - General Semiconductor

  ZPY91 Datasheet HTML 1Page - General Semiconductor ZPY91 Datasheet HTML 2Page - General Semiconductor ZPY91 Datasheet HTML 3Page - General Semiconductor ZPY91 Datasheet HTML 4Page - General Semiconductor ZPY91 Datasheet HTML 5Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ZPY1(3)
0.65 … 0.75
6.5 (< 8)
– 26 … – 23
5
580
ZPY3.9
3.7 … 4.1
4 (< 7)
– 7 … +2
100
290
ZPY4.3
4.0 … 4.6
4 (< 7)
– 7 … +3
100
260
ZPY4.7
4.4 … 5.0
4 (< 7)
– 7 … +4
100
235
ZPY5.1
4.8 … 5.4
2 (< 5)
– 6 … +5
100
> 0.7
215
ZPY5.6
5.2 … 6.0
1 (< 2)
– 3 … +5
100
> 1.5
193
ZPY6.2
5.8 … 6.6
1 (< 2)
– 1 … +6
100
> 2.0
183
ZPY6.8
6.4 … 7.2
1 (< 2)
0 … +7
100
> 3.0
157
ZPY7.5
7.0 … 7.9
1 (< 2)
0 … +7
100
> 5.0
143
ZPY8.2
7.7 … 8.7
1 (< 2)
+3 … +8
100
> 6.0
127
ZPY9.1
8.5 … 9.6
2 (< 4)
+3 … +8
50
> 7.0
117
ZPY10
9.4 … 10.6
2 (< 4)
+5 … +9
50
> 7.5
105
ZPY11
10.4 … 11.6
3 (< 7)
+5 … +10
50
> 8.5
94
ZPY12
11.4 … 12.7
3 (< 7)
+5 … +10
50
> 9.0
85
ZPY13
12.4 … 14.1
4 (< 9)
+5 … +10
50
> 10
78
ZPY15
13.8 … 15.8
4 (< 9)
+5 … +10
50
> 11
70
ZPY16
15.3 … 17.1
5 (< 10)
+7 … +11
25
> 12
63
ZPY18
16.8 … 19.1
5 (< 11)
+7 … +11
25
> 14
57
ZPY20
18.8 … 21.2
6 (< 12)
+7 … +11
25
> 15
52
ZPY22
20.8 … 23.3
7 (< 13)
+7 … +11
25
> 17
48
ZPY24
22.8 … 25.6
8 (< 14)
+7 … +12
25
> 18
42
ZPY27
25.1 … 28.9
9 (< 15)
+7 … +12
25
> 20
38
ZPY30
28 … 32
10 (< 20)
+7 … +12
25
> 22.5
35
ZPY33
31 … 35
11 (< 20)
+7 … +12
25
> 25
31
ZPY36
34 … 38
25 (< 60)
+7 … +12
10
> 27
29
ZPY39
37 … 41
30 (< 60)
+8 … +12
10
> 29
26
ZPY43
40 … 46
35 (< 80)
+8 … +13
10
> 32
24
ZPY47
44 … 50
40 (< 80)
+8 … +13
10
> 35
22
ZPY51
48 … 54
45 (< 100)
+8 … +13
10
> 38
20
ZPY56
52 … 60
50 (< 100)
+8 … +13
10
> 42
18
ZPY62
58 … 66
60 (< 130)
+8 … +13
10
> 47
16
ZPY68
64 … 72
65 (< 130)
+8 … +13
10
> 51
14
ZPY75
70 … 79
70 (< 160)
+8 … +13
10
> 56
13
ZPY82
77 … 88
80 (< 160)
+8 … +13
10
> 61
12
ZPY91
85 … 96
120 (< 250)
+9 … +13
5
> 68
11
ZPY100
94 … 106
130 (< 250)
+9 … +13
5
> 75
10
ZPY1 THRU ZPY100
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Type
Zener
voltage(2)
at
IZT
VZ (V)
Dynamic
resistance
at IZT
f = 1 kHz
max
rzj (
Ω)
Temp. coeff.
of Zener volt.
at
IZT
α
VZ (10
–4
/K)
Test
current
IZT (mA)
Reverse
voltage
at
IR= 0.5
µA
VR (V)
Admissible
Zener current(1)
at Tamb = 25°C
IZ (mA)
NOTES:
(1) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case
(2) Tested with pulses tp = 5 ms
(3) The ZPY1 is a silicon diode operated in forward direction. Hence, the index of all characteristics and maximum ratings should be “F” instead of “Z”
Connect the cathode terminal to the negative pole
For devices in glass case DO-41 with higher Zener voltage but same power dissipation see types ZPU100 … ZPU180


Similar Part No. - ZPY91

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZPY91 DIODES-ZPY91 Datasheet
62Kb / 3P
   SILICON PLANAR POWER ZENER DIODE
DS21404 Rev. D-3
logo
SUNMATE electronic Co.,...
ZPY91 SUNMATE-ZPY91 Datasheet
103Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
logo
Vishay Siliconix
ZPY91 VISHAY-ZPY91 Datasheet
186Kb / 5P
   Zener Diodes
02-May-02
logo
Diotec Semiconductor
ZPY91 DIOTEC-ZPY91 Datasheet
141Kb / 3P
   Silicon-Power-Zener Diodes
ZPY91 DIOTEC-ZPY91 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
More results

Similar Description - ZPY91

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com