Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52-PV6F2PXSS231 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV6F2PXSS231
Description  HARDWARE SUPPLIED: O-RING AND HEXNUT (NOT SHOWN)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV6F2PXSS231 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV6F2PXSS231 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV6F2PXSS-231
2:1
8/21/2012
52-PV6F2PXSS231
C
rc
1
1
PANEL CUTOUT
MAX. PANEL THICKNESS
10.0mm [.315 in]
A
20713
RELEASE FOR PRODUCTION
8/21/12
rc
n18.00
[.709 in]
1.50
[.059 in]
15.50
[.610 in]
16.50 `.50
.650 `.020 in
[
]
20.00 `.50
.787 `.020 in
[
]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. OPERATING TEMP.: -20°C to 55°C
4.
DENOTES CRITICAL PARAMETER.
5. ILLUMINATION COLOR: GREEN
6. HARDWARE SUPPLIED: O-RING AND HEXNUT (NOT SHOWN)
7. ILLUMINATION BASE RATING: 20mA 2.8V
8. 2002/95/EC (ROHS) COMPLIANT
n16.00
[.630 in]
DOT ILLUMINATION
FLAT ACTUATOR
MACHINE FINISH
STAINLESS STEEL
M16x1.0
NOTE 15
HARDWARE SUPPLIED
BODY FINISH
MACHINE FINISH
STAINLESS STEEL
8.40
[.331 in]
L
+
LAMP INDICATOR
CONTACT CONFIGURATION
-
LED
POLARITY
MARKINGS
B
20885
ADD DUMMY SWITCH TERMINALS
11/15/12
EBP
C
21422
REMOVE DUMMY SWITCH TERMINALS
3/31/14
EBP


Similar Part No. - 52-PV6F2PXSS231

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV6F2PXSS231 E-SWITCH-52-PV6F2PXSS231_15 Datasheet
198Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - 52-PV6F2PXSS231

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV6H240SSG301 E-SWITCH-52-PV6H240SSG301 Datasheet
205Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT (NOT SHOWN)
52-PV6F2PXSS211 E-SWITCH-52-PV6F2PXSS211 Datasheet
198Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT (NOT SHOWN)
52-PV6F240SS341M01 E-SWITCH-52-PV6F240SS341M01 Datasheet
356Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT (NOT SHOWN)
52-PV6F240SSG3G1 E-SWITCH-52-PV6F240SSG3G1 Datasheet
198Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT (NOT SHOWN)
52-PV6F24011G341 E-SWITCH-52-PV6F24011G341 Datasheet
209Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT (NOT SHOWN)
52-PV6H240SS351 E-SWITCH-52-PV6H240SS351 Datasheet
208Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT (NOT SHOWN)
52-PV6H24011G321 E-SWITCH-52-PV6H24011G321 Datasheet
192Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT (NOT SHOWN)
52-PV6F240NNG341 E-SWITCH-52-PV6F240NNG341 Datasheet
209Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT (NOT SHOWN)
52-PV6F240SS3G1M01 E-SWITCH-52-PV6F240SS3G1M01 Datasheet
354Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT (NOT SHOWN)
52-PV6F24011G3M1 E-SWITCH-52-PV6F24011G3M1 Datasheet
192Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT (NOT SHOWN)
52-PV6F24011G301 E-SWITCH-52-PV6F24011G301 Datasheet
191Kb / 1P
   HARDWARE SUPPLIED: O-RING AND HEXNUT (NOT SHOWN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com