Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBK04F05L Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FBK04F05L
Description  Allowable Ambient Temperature Range
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FBK04F05L Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FBK04F05L Datasheet HTML 1Page - List of Unclassifed Manufacturers FBK04F05L Datasheet HTML 2Page - List of Unclassifed Manufacturers FBK04F05L Datasheet HTML 3Page - List of Unclassifed Manufacturers FBK04F05L Datasheet HTML 4Page - List of Unclassifed Manufacturers FBK04F05L Datasheet HTML 5Page - List of Unclassifed Manufacturers FBK04F05L Datasheet HTML 6Page - List of Unclassifed Manufacturers FBK04F05L Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
COMMON SPECIFICATIONS
4
Protection
Locked rotor protection circuits
Automatically restarts in a few seconds
Reverse voltage protection
Insulation Resistance
10M
Ω minimum at 500v DC (frame to leads)
Dielectric Strength
500v AC (50/60Hz) for 1 minute (frame to leads)
Plastic Rating
All Panaflo fans are manufactured with a UL94V-0 plastic (flammability)
Insulation Class
JIS Class E (120° C)
VDE Class E (90° C)
UL Class A (105° C)
CSA Class A (105° C)
Noise Data
The noise data is measured at 1 meter from the air intake side of the fan
suspended in a semi-anechoic chamber (background noise 13dB-A max.).
Construction with and without Solid Corner Housing
Panaflo fans are available in two different versions for mounting: with solid corner
housing and without. Specific mounting methods and applications require the use
of solid corners. Select the appropriate housing for your application. Some mod-
els may be available only with solid corner housing. For details, please refer to the
corresponding page for each model.
With Solid Corner
Without Solid Corner
Microphone
Microphone
Microphone
* Distance 1m.
Noise Data


Similar Part No. - FBK04F05L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
FBK04A05L1SA PANASONIC-FBK04A05L1SA Datasheet
282Kb / 7P
   Locked rotor protection circuits Automatically restarts in a few seconds Reverse voltage protection
FBK04A05L1SB PANASONIC-FBK04A05L1SB Datasheet
282Kb / 7P
   Locked rotor protection circuits Automatically restarts in a few seconds Reverse voltage protection
FBK04A05L1ZA PANASONIC-FBK04A05L1ZA Datasheet
282Kb / 7P
   Locked rotor protection circuits Automatically restarts in a few seconds Reverse voltage protection
FBK04A05L1ZB PANASONIC-FBK04A05L1ZB Datasheet
282Kb / 7P
   Locked rotor protection circuits Automatically restarts in a few seconds Reverse voltage protection
FBK04A05LSA PANASONIC-FBK04A05LSA Datasheet
282Kb / 7P
   Locked rotor protection circuits Automatically restarts in a few seconds Reverse voltage protection
More results

Similar Description - FBK04F05L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM4515-04W ETC2-BM4515-04W Datasheet
262Kb / 1P
   Allowable Ambient Temperature Range
logo
Freescale Semiconductor...
MCF51QM128 FREESCALE-MCF51QM128 Datasheet
1,012Kb / 69P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51JU128 FREESCALE-MCF51JU128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Wurth Elektronik GmbH &...
74405042033 WURTH-74405042033 Datasheet
323Kb / 5P
   Ambient Temperature
74406032330 WURTH-74406032330 Datasheet
324Kb / 5P
   Ambient Temperature
logo
Freescale Semiconductor...
MCF51QH128 FREESCALE-MCF51QH128 Datasheet
1,009Kb / 68P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51JF128 FREESCALE-MCF51JF128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QU128 FREESCALE-MCF51QU128 Datasheet
999Kb / 67P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Texas Instruments
TPS7A6650H-Q1 TI1-TPS7A6650H-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Ambient-Temperature Regulator
logo
Golledge Electronics Lt...
MP01779 GOLLEDGE-MP01779 Datasheet
59Kb / 3P
   Ambient Temperature: 25째C
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com