Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD5N20 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQD5N20
Description  200V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD5N20 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQD5N20 Datasheet HTML 1Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 2Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 3Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 4Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 5Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 6Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 7Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 8Page - Fairchild Semiconductor FQD5N20 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
  

 
QFET
QFET
QFET
QFET

 
 
          
        
   
!   "   
#    !   
         
!   ! 
        $ !
      % ! 
  

& ' (%)**+,-. )Ω/+-.*+
& 0 1 2 *3
& 01 2 *3
&  
& .**4! 
& 5!!$ " 
  
    
   




+
 + 
)**
+
5

1-)673
' (
%
1-.**73
) 8
%
5

9 
 
.6 )
%
+
: + 
±'*
+
;
 9 %! ;
 
2*
<
5
%! 
 
' (
%
;
,!%! ;
 
' =
<
!$
9>, !!$
 
6 6
+$
9
91-)673?
) 6
@
91-)673
'=
@
"!)67
* )A
@$7
 
,
66B.6*
7

C  
.$( 6 
'**
7





,θ 
 , < 

' 8
7@
 , < %"?

6*
7@
 , < %"

..*
7@
       
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"















Similar Part No. - FQD5N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD5N20 FAIRCHILD-FQD5N20 Datasheet
695Kb / 9P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQD5N20 ISC-FQD5N20 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
logo
Fairchild Semiconductor
FQD5N20L FAIRCHILD-FQD5N20L Datasheet
529Kb / 9P
   200V LOGIC N-Channel MOSFET
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
FQD5N20L FAIRCHILD-FQD5N20L_08 Datasheet
624Kb / 9P
   200V LOGIC N-Channel MOSFET
More results

Similar Description - FQD5N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com