Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBA06A12L1A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FBA06A12L1A
Description  Allowable Ambient Temperature Range
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FBA06A12L1A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FBA06A12L1A Datasheet HTML 1Page - List of Unclassifed Manufacturers FBA06A12L1A Datasheet HTML 2Page - List of Unclassifed Manufacturers FBA06A12L1A Datasheet HTML 3Page - List of Unclassifed Manufacturers FBA06A12L1A Datasheet HTML 4Page - List of Unclassifed Manufacturers FBA06A12L1A Datasheet HTML 5Page - List of Unclassifed Manufacturers FBA06A12L1A Datasheet HTML 6Page - List of Unclassifed Manufacturers FBA06A12L1A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
PANAFLO FAN PRODUCT DESIGNATION CODE
Panaflo Fan
F
B AO8A1 2
H1A S
Bearing Type
A: HWB (Hydro Wave)
K: Ball Bearing (40mm Only)
Housing Size
04: 40 x 40mm
06: 60 x 60mm
08: 80 x 80mm
09: 92 x 92mm
12: 120 x 120mm
Housing Thickness
A: 25.5mm
T: 15mm (Thin)
G: 38mm
F: 20mm
Rated Voltage
12: 12 VDC
24: 24 VDC
05: 5 VDC
Speed
L: Low
M: Middle
H: High
U: Ultra High
V: Variable (Option)
Lead Wire (FBA Only)
A: Standard 2 leads (GND, PWR)
B: Standard 3 leads (GND, PWR, Signal)
C: 3rd lead thermal sensor (variable)
Option
S: Locked rotor alarm sensor
Z: Solid corner housing
X: 2 PPR speed sensor (TAC Output)
O: S + Z
1: Hub mounted thermal sensor
Terminal (FBA Only)
1: With leads
: No leads
Motor Type
FB: Panaflo
(DC Axial-flow fan)
Crossflo Fan
F
C B34AD 2
4 S
Option
S: Locked rotor alarm sensor
S
Option
S: Locked rotor alarm sensor
Fan Outside Diameter
34: Ø34 mm
Rated Voltage
12: 12 VDC
24: 24 VDC
Fan Motor Length
AA: 134.50mm
AB: 173.50mm
AC: 212.50mm
AD: 251.50mm
AE: 290.50mm
AF: 329.50mm
Motor Type
FCB: Brushless Crossflo Fan
Blowers
FA
L6F1 2
L
H
Speed
LL: Low Speed
LH: High Speed
Model Change
Blower Size
3—50 x 50mm (Ball Bearing)
5—76 x 76mm (Hydro Wave)
6—109 x 114mm (Hydro Wave)
Rated Voltage
05: 5 VDC
12: 12 VDC
24: 24 VDC
Motor Type
FAL: Brushless Fan
(variable)


Similar Part No. - FBA06A12L1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FBA06T12H ETC2-FBA06T12H Datasheet
49Kb / 2P
   Bearing Type Hydro Wave
FBA06T12HS ETC2-FBA06T12HS Datasheet
49Kb / 2P
   Bearing Type Hydro Wave
FBA06T12L ETC2-FBA06T12L Datasheet
49Kb / 2P
   Bearing Type Hydro Wave
FBA06T24H ETC2-FBA06T24H Datasheet
27Kb / 1P
   To show details, place the mouse cursor on each item of the part number. Click "Display All" button to show all details
FBA06T24H ETC2-FBA06T24H Datasheet
49Kb / 2P
   Bearing Type Hydro Wave
More results

Similar Description - FBA06A12L1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM4515-04W ETC2-BM4515-04W Datasheet
262Kb / 1P
   Allowable Ambient Temperature Range
logo
Freescale Semiconductor...
MCF51QM128 FREESCALE-MCF51QM128 Datasheet
1,012Kb / 69P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51JU128 FREESCALE-MCF51JU128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Wurth Elektronik GmbH &...
74405042033 WURTH-74405042033 Datasheet
323Kb / 5P
   Ambient Temperature
74406032330 WURTH-74406032330 Datasheet
324Kb / 5P
   Ambient Temperature
logo
Freescale Semiconductor...
MCF51QH128 FREESCALE-MCF51QH128 Datasheet
1,009Kb / 68P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51JF128 FREESCALE-MCF51JF128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QU128 FREESCALE-MCF51QU128 Datasheet
999Kb / 67P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Texas Instruments
TPS7A6650H-Q1 TI1-TPS7A6650H-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Ambient-Temperature Regulator
logo
Golledge Electronics Lt...
MP01779 GOLLEDGE-MP01779 Datasheet
59Kb / 3P
   Ambient Temperature: 25째C
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com