Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-68025T Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PE-68025T
Description  SURFACE MOUNT 10BASE-T INTERFACE MODULES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-68025T Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PE-68025T Datasheet HTML 1Page - Pulse A Technitrol Company PE-68025T Datasheet HTML 2Page - Pulse A Technitrol Company PE-68025T Datasheet HTML 3Page - Pulse A Technitrol Company PE-68025T Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.pulseeng.com
2
E115.C (
5/07)
SURFACE MOUNT 10BASE-T
INTERFACE MODULES
Fully Integrated for Adapter, Hub, and
Motherboard Applications
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4641811
Resistor Values (
Ω)
Part
IC
Number
Manufacturer
R1
R2
R3
R4
R5
R6
R7
PE-68025
AMD
TXD (+) = 61.9
TXP (+) = 422
TXD (-) = 61.9
TXP (-) = 422
1.2k
RX (+) = 49.9
RX (-) = 49.9
PE-68026
Various
⎯⎯
PE-68027
National
TXOD (-) = 274
TXO (+) = 66.5
TXO (-) = 66.5
TXOD (+) = 274
806
RX (+) = 49.9
RX (-) = 49.9
LOW PASS
FILTER
16
14
12
9
11
LOW PASS
FILTER
10
100 W
RECEIVE CHANNEL
CHIP SIDE
UTP SIDE
1:1
LOW PASS
FILTER
5
8
6
LOW PASS
FILTER
7
100 W
4
3
2
1
TRANSMIT CHANNEL
CHIP SIDE
UTP SIDE
R1
R2
R3
R4
1:1
NOTE: PE-68026 does not contain resistors. They are an external configuration.
Schematic
PE-68025, PE-68026, PE-68027
Typical Application Circuit
PE-68025, PE-68026, PE-68027
LPF
ANALOG INTERFACE MODULE
RJ-45
CONNECTOR
UTP
TD-
TD+
RD+
RD-
TWISTED
PAIR
TRANSMIT
OUTPUTS
16
LPF
LPF
LPF
RXI+
RXI-
14
13 12
11
10
9
13
5
6
7
8
2
1
3
6
.01µF
24
R1 R2
R3
R4
R5
R6 R7
15


Similar Part No. - PE-68025T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PE-68025 ETC1-PE-68025 Datasheet
554Kb / 4P
   SURFACE MOUNT 10BASE-T INTERFACE MODULES
logo
Pulse A Technitrol Comp...
PE-68025QNL PULSE-PE-68025QNL Datasheet
192Kb / 4P
   Fully Integrated for Adapter, Hub, and Motherboard Applications
PE-68025QNL PULSE-PE-68025QNL Datasheet
192Kb / 4P
   SURFACE MOUNT 10BASE-T INTERFACE MODULES
PE-68025QNL PULSE-PE-68025QNL Datasheet
192Kb / 4P
   Fully Integrated for Adapter, Hub, and Motherboard Applications
PE-68025QNL PULSE-PE-68025QNL Datasheet
192Kb / 4P
   SURFACE MOUNT 10BASE-T INTERFACE MODULES
More results

Similar Description - PE-68025T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E2001 ETC1-E2001 Datasheet
554Kb / 4P
   SURFACE MOUNT 10BASE-T INTERFACE MODULES
logo
Pulse A Technitrol Comp...
E115 PULSE-E115 Datasheet
192Kb / 4P
   SURFACE MOUNT 10BASE-T INTERFACE MODULES
E2009QNLT PULSE-E2009QNLT Datasheet
192Kb / 4P
   SURFACE MOUNT 10BASE-T INTERFACE MODULES
EX2001T PULSE-EX2001T Datasheet
126Kb / 2P
   EXTENDED TEMPERATURE SURFACE MOUNT 10BASE-T INTERFACE MODULES
PE-68011 PULSE-PE-68011 Datasheet
46Kb / 2P
   10BASE-T INTERFACE MODULES
E104 PULSE-E104 Datasheet
141Kb / 2P
   10BASE-T THROUGH HOLE INTERFACE MODULES
logo
Bothhand USA, LP.
FS2009M BOTHHAND-FS2009M Datasheet
180Kb / 1P
   SURFACE MOUNT 10 BASE-T INTERFACE MODULES
logo
API Technologies Corp
8231-8239 APITECH-8231-8239 Datasheet
1Mb / 2P
   10 Base-T Surface Mount Interface Modules
logo
PCA ELECTRONICS INC.
EPA2214B PCA-EPA2214B Datasheet
27Kb / 1P
   10Base-T Interface Module
EPE6334G PCA-EPE6334G Datasheet
153Kb / 1P
   10Base-T Interface Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com