Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35317-0623 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 35317-0623
Description  4.20mm Pitch Mini-Fit Header, Dual Row, Vertical
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

35317-0623 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  35317-0623 Datasheet HTML 1Page - Molex Electronics Ltd. 35317-0623 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
35317-0623
Status:
Active
Overview:
Mini-Fit Jr.™ Power Connectors
Description:
4.20mm Pitch Mini-Fit® Header, Dual Row, Vertical, 6 Circuits, PA Polyamide (Nylon)
6/6 94V-2, Yellow
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
35317
Application
Power, Wire-to-Board
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 Mini-Fit® Plus HCS
Crimp Terminal Crimped to 16 AWG wire., See Molex
product specification PS-45750-001 for additional
current de-rating information.
Overview
Mini-Fit Jr.™ Power Connectors
Product Name
Mini-Fit®
UPC
756054804735
Physical
Breakaway
No
Circuits (Loaded)
6
Circuits (maximum)
6
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-2
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
1.154/g
Number of Rows
2
Orientation
Vertical
PC Tail Length
3.50mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
4.20mm
Polarized to PCB
Yes
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35317Series
Mates With
5557 Mini-Fit Jr.™ Receptacle Housing


Similar Part No. - 35317-0623

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35317-0620 MOLEX4-35317-0620 Datasheet
140Kb / 4P
   4.20mm (.165") Pitch Mini-Fit짰 Header
35317-0620 MOLEX11-35317-0620 Datasheet
40Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row, Vertical
35317-0626 MOLEX4-35317-0626 Datasheet
86Kb / 3P
   4.20mm (.165") Pitch Mini-Fit짰 Header, Dual Row, Vertical, 6 Circuits, PA Polyamide(Nylon) 6/6 94V-2, Green
35317-0626 MOLEX11-35317-0626 Datasheet
41Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row, Vertical
More results

Similar Description - 35317-0623

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35317-2020 MOLEX11-35317-2020 Datasheet
40Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row, Vertical
35317-1820 MOLEX11-35317-1820 Datasheet
40Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row, Vertical
35317-0620 MOLEX11-35317-0620 Datasheet
40Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row, Vertical
35317-1620 MOLEX11-35317-1620 Datasheet
41Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row, Vertical
35317-0820 MOLEX11-35317-0820 Datasheet
40Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row, Vertical
35317-1020 MOLEX11-35317-1020 Datasheet
40Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row, Vertical
35317-1420 MOLEX11-35317-1420 Datasheet
40Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row, Vertical
35317-0420 MOLEX11-35317-0420 Datasheet
40Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row, Vertical
35317-1220 MOLEX11-35317-1220 Datasheet
41Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row, Vertical
35317-0626 MOLEX11-35317-0626 Datasheet
41Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row, Vertical
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com