Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35317-2420 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 35317-2420
Description  4.20mm Pitch Mini-Fit Header, Dual Row
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

35317-2420 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  35317-2420 Datasheet HTML 1Page - Molex Electronics Ltd. 35317-2420 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
13A
Voltage - Maximum
250V
Material Info
This document was generated on 09/02/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 35317-2420

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35317-2420 MOLEX4-35317-2420 Datasheet
140Kb / 4P
   4.20mm (.165") Pitch Mini-Fit짰 Header, Dual Row, Vertical, 24 Circuits, PA Polyamide(Nylon) 6/6 94V-2, White
More results

Similar Description - 35317-2420

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35318-0420 MOLEX11-35318-0420 Datasheet
43Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row
35318-0820 MOLEX11-35318-0820 Datasheet
43Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row
35318-2020 MOLEX11-35318-2020 Datasheet
43Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row
35318-1820 MOLEX11-35318-1820 Datasheet
43Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row
35317-1210 MOLEX11-35317-1210 Datasheet
41Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row
35318-1220 MOLEX11-35318-1220 Datasheet
43Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row
35318-1020 MOLEX11-35318-1020 Datasheet
43Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row
35317-2020 MOLEX11-35317-2020 Datasheet
40Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row, Vertical
35317-1820 MOLEX11-35317-1820 Datasheet
40Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row, Vertical
35317-0620 MOLEX11-35317-0620 Datasheet
40Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row, Vertical
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com