Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5223 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # 1N5223
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

1N5223 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  1N5223 Datasheet HTML 1Page - GOOD-ARK Electronics 1N5223 Datasheet HTML 2Page - GOOD-ARK Electronics 1N5223 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes:
(1) The Zener Impedance is derived from the 60Hz AC voltage which results when an AC current having an RMS value equal to 10% of the
Zener current (I
ZT or IZK) is superimposed on IZT or IZK. Zener Impedance is measured at two points to insure a sharp knee on the breakdown
curve and to eliminate unstable units.
(2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
(3) Measured under thermal equilibrium and DC test conditions.
Ty p e
Z e ner v o lt age r ang e 1)
M a x im u m Z e ner I m pe dan c e 1)
R e v e r s e le ak a ge c u r r e nt
T e m p .
c oeff ic ien t of
Z e ner
vo lt a g e
V
znom
3)
I
ZT
r
zjT an d
r
zjk at I zk
I
R
2)
at V
R
TK
VZ
Vm A
mA
u A
V
% / K
1N 5221
2. 4
2 0
< 30
<12 0 0
0 . 2 5
< 100
1 . 0
<- 0 . 08 5
1N 5222
2. 5
2 0
< 30
<12 5 0
0 . 2 5
< 100
1 . 0
<- 0 . 08 5
1N 5223
2. 7
2 0
< 30
<13 0 0
0 . 2 5
< 7 5
1. 0
< - 0 . 0 8 0
1N 5224
2. 8
2 0
< 30
<140 0
0 . 2 5
< 7 5
1. 0
< - 0 . 0 8 0
1N 5225
3. 0
2 0
< 29
<160 0
0 . 2 5
< 5 0
1. 0
< - 0 . 0 7 5
1N 5226
3. 3
2 0
< 28
<160 0
0 . 2 5
< 25
1. 0
< - 0 . 0 7 0
1N 5227
3. 6
2 0
< 24
<170 0
0 . 2 5
< 15
1. 0
< - 0 . 0 6 5
1N 5228
3. 9
2 0
< 23
<190 0
0 . 2 5
< 10
1. 0
< - 0 . 0 6 0
1N 5229
4 . 3
2 0
< 22
<200 0
0 . 2 5
< 5
1 . 0
<+0 . 0 5 5
1N 5230
4 . 7
2 0
< 19
<190 0
0 . 2 5
< 5
2 . 0
<+0 . 0 30
1N 5231
5 . 1
2 0
< 17
<160 0
0 . 2 5
< 5
2 . 0
<+0 . 0 30
1N 5232
5 . 6
2 0
< 1 1
<160 0
0 . 2 5
< 5
3 . 0
<+0 . 0 38
1N 5233
6 . 0
2 0
< 7
< 160 0
0 . 25
<5
3. 5
<+0 . 0 38
1 N 5 2 3 4
6. 2
2 0
< 7
< 1 0 00
0. 2 5
< 5
4. 0
< + 0 . 0 45
1 N 5 2 3 5
6. 8
2 0
< 5
< 75 0
0 . 2 5
< 3
5 . 0
< + 0 . 0 50
1 N 5 2 3 6
7. 5
2 0
< 6
< 50 0
0 . 2 5
< 3
6 . 0
< + 0 . 0 58
1 N 5 2 3 7
8. 2
2 0
< 8
< 50 0
0 . 2 5
< 3
6 . 5
< + 0 . 0 62
1 N 5 2 3 8
8. 7
2 0
< 8
< 60 0
0 . 2 5
< 3
6 . 5
< + 0 . 0 65
1N 5239
9 . 1
2 0
< 10
<6 00
0 . 25
<3
7 . 0
<+0 . 0 6 8
1N 524 0
10
20
<17
< 6 0 0
0 . 2 5
< 3
8 . 0
<+0 . 0 7 5
1 N 5 2 41
1 1
2 0
< 2 2
< 60 0
0 . 2 5
< 2
8 . 4
< + 0 . 0 76
1N 524 2
12
20
<30
< 6 0 0
0 . 2 5
< 1
9 . 1
<+0 . 0 7 7
1 N 5 2 43
1 3
9. 5
< 1 3
< 6 0 0
0. 2 5
< 0 . 5
9. 9
< + 0 . 0 79
1N 524 4
14
9 . 0
< 15
<6 00
0 . 25
<0 . 1
10
<+0 . 0 8 2
1N 524 5
15
8 . 5
< 16
<6 00
0 . 25
<0 . 1
1 1
<+0 . 0 8 2
1N 524 6
16
7 . 8
< 17
<6 00
0 . 25
<0 . 1
12
<+0 . 0 8 3
1N 524 7
17
7 . 4
< 19
<6 00
0 . 25
<0 . 1
13
<+0 . 0 8 4
1N 524 8
18
7 . 0
< 21
<6 00
0 . 25
<0 . 1
14
<+0 . 0 8 5
1N 524 9
19
6 . 6
< 23
<6 00
0 . 25
<0 . 1
14
<+0 . 0 8 6
1N 525 0
20
6 . 2
< 25
<6 00
0 . 25
<0 . 1
15
<+0 . 0 8 6
1N 525 1
22
5 . 6
< 29
<6 00
0 . 25
<0 . 1
17
<+0 . 0 8 7
1N 525 2
24
5 . 2
< 33
<6 00
0 . 25
<0 . 1
18
<+0 . 0 8 8
1N 525 3
25
5 . 0
< 35
<6 00
0 . 25
<0 . 1
19
<+0 . 0 8 9
1 N 5 2 54
2 7
4. 6
< 41
< 6 0 0
0. 2 5
< 0 . 1
2 1
< + 0 . 0 90
1 N 5 2 55
2 8
4. 5
< 44
< 6 0 0
0. 2 5
< 0 . 1
2 1
< + 0 . 0 91
1 N 5 2 56
3 0
4. 2
< 49
< 6 0 0
0. 2 5
< 0 . 1
2 3
< + 0 . 0 91
1N 525 7
33
3. 8
< 5 8
<7 00
0 . 25
<0 . 1
25
<+0 . 0 9 2
1N 525 8
36
3. 4
< 7 0
<7 00
0 . 25
<0 . 1
27
<+0 . 0 9 3
1N 525 9
39
3. 2
< 8 0
<8 00
0 . 25
<0 . 1
30
<+0 . 0 9 4
1 N 5 2 60
43
3 . 0
< 93
< 9 0 0
0. 2 5
< 0 . 1
3 3
< + 0 . 0 95
1N 526 1
4 7
2. 7
< 105
< 100 0
0 . 25
<0 . 1
36
<+0 . 0 9 5
1N 526 2
5 1
2. 5
< 12 5
< 1 1 0 0
0 . 25
<0 . 1
39
<+0 . 0 9 6
1 N 5 2 63
56
2 . 2
< 1 5 0
< 1 3 00
0. 2 5
< 0 . 1
43
< + 0 . 0 96
1 N 5 2 64
60
2 . 1
< 1 7 0
< 1 4 00
0. 2 5
< 0 . 1
46
< + 0 . 0 97
1 N 5 2 65
62
2 . 0
< 1 8 5
< 1 4 00
0. 2 5
< 0 . 1
47
< + 0 . 0 97
1 N 5 2 66
68
1 . 8
< 2 3 0
< 1 6 00
0. 2 5
< 0 . 1
52
< + 0 . 0 97
1 N 5 2 67
75
1 . 7
< 2 7 0
< 1 7 00
0. 2 5
< 0 . 1
56
< + 0 . 0 98
1 N 5 2 68
82
1 . 5
< 3 3 0
< 2 0 00
0. 2 5
< 0 . 1
62
< + 0 . 0 98
1 N 5 2 69
87
1 . 4
< 3 7 0
< 2 2 00
0. 2 5
< 0 . 1
68
< + 0 . 0 99
1 N 5 2 70
91
1 . 4
< 40 0
< 2 3 00
0. 2 5
< 0 . 1
69
< + 0 . 0 99
1N 527 1
100
1 . 3
<5 00
-
-
<0 . 1
7 5
<+0 . 1 0 0
1N 527 2
1 1 0
1 . 2
<7 00
-
-
<0 . 1
8 3
<+0 . 1 0 0
1N 527 3
12 0
1 . 0
<9 50
-
-
<0 . 1
9 0
<+0 . 1 0 0
1 N 5 2 74
1 3 0
0 . 9 5
< 1 1 00
-
-
< 0 . 1
98
< + 0 . 1 1 0
1N 527 5
140
0 . 9 0
< 13 0 0
-
-
<0 . 1
105
<+0 . 1 10
1N 527 6
150
0 . 8 5
< 150 0
-
-
<0 . 1
1 1 3
<+0 . 1 10
1N 527 7
160
0 . 8 0
< 170 0
-
-
<0 . 1
12 0
<+0 . 1 15
1N 527 8
170
0 . 7 4
< 190 0
-
-
<0 . 1
12 7
<+0 . 1 15
1N 527 9
180
0 . 6 8
< 22 0 0
-
-
<0 . 1
13 5
<+0 . 1 20
1N 528 0
190
0 . 6 6
< 240 0
-
-
<0 . 1
142
<+0 . 1 20
1N 528 1
200
0 . 6 5
< 250 0
-
-
<0 . 1
150
<+0 . 1 20
2


Similar Part No. - 1N5223

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N5223 SEME-LAB-1N5223 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
EIC discrete Semiconduc...
1N5223 EIC-1N5223 Datasheet
122Kb / 2P
   ZENER DIODES
logo
Semtech Corporation
1N5223 SEMTECH-1N5223 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
1N5223 MCC-1N5223 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Shanghai Lunsure Electr...
1N5223 CHENYI-1N5223 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Similar Description - 1N5223

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com