Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL-LX5093AT Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSL-LX5093AT
Description  State-of-the-Art, High Brightness Chip Technology
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LX5093AT Datasheet(HTML) 1 Page - LUMEX INC.

  SSL-LX5093AT Datasheet HTML 1Page - LUMEX INC. SSL-LX5093AT Datasheet HTML 2Page - LUMEX INC. SSL-LX5093AT Datasheet HTML 3Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Products > LEDs > Thru-Hole > Round > 5mm > Standard > Standard Intensity
Featu r es / Options
A pplicat ions / Us es
State-of-the-Art, High Brightness Chip
Technology
Choice of Colors and Lens Finishes
Lead Frame / Lens Casting Reliability
Easy-to-Solder Leads, Tin Finish
Available Bulk or on Tape and Reel
Lead Trimming and Forming Available
Custom Shapes, Easily Tooled, Low
Minimum
Board or Panel Indication or
Illumination
Annunciator and Control Panels
Telecom Switches and Central Station
Equipment
Large Panel Indicators
Part Number:
Brightness
Dice
Material
Emitted
Color
Peak
Wavelength
Epoxy
Lens
Operating
Typ Vf
(V)
Intensity
Typ,
mcd @
20 mA
View
Angle
2x
Theta
SSL-LX5093AD
STANDARD
GaAsP
Amber
605
Diffused
2.1
30
60
SSL-LX5093AT
STANDARD
GaAsP
Amber
605
Color
Tinted
2.1
80
30
SSL-LX5093GD
STANDARD
GaP
Green
565
Diffused
2.0
30
60
SSL-LX5093HD
STANDARD
GaP
Red
700
Diffused
2.1
30
60
SSL-LX5093ID
STANDARD
GaAsP
Red
635
Diffused
2.0
40
60
SSL-LX5093IGW
STANDARD
GaAsP
Red/Green
635
White
Diffused
2.1
30
60
SSL-LX5093IT
STANDARD
GaAsP
Red
635
Color
Tinted
280
30
SSL-LX5093SBC/A
STANDARD
SiC
Blue
430
Clear
3.5
100
30
SSL-LX5093SBD
STANDARD
SiC
Blue
430
Diffused
4.5
25
20
SSL-LX5093SGC/B
STANDARD
GaP
Green
565
Clear
2.1
300
30


Similar Part No. - SSL-LX5093AT

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX5093AT-TR LUMEX-SSL-LX5093AT-TR Datasheet
70Kb / 1P
   QUASARBRITE T-5mm 605mm AMBER LED
More results

Similar Description - SSL-LX5093AT

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5166QI-01PR AOSMD-AOZ5166QI-01PR Datasheet
60Kb / 2P
   Versatile synchronous buck power stage feature state-of-the-art technology
logo
Omron Electronics LLC
G6SU-2F-DC3 OMRON-G6SU-2F-DC3 Datasheet
135Kb / 2P
   State-of-the-Art SMT Design Industry Standard
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
   State of the art protection for every application
S6-DLX ETC2-S6-DLX Datasheet
484Kb / 3P
   Surge Suppressor- State of the art protection for every application
logo
STMicroelectronics
STSAFE-A110 STMICROELECTRONICS-STSAFE-A110 Datasheet
619Kb / 36P
   Authentication, state-of-the-art security for peripherals and IoT devices
December 2019 Rev 1
VIPER53E STMICROELECTRONICS-VIPER53E Datasheet
392Kb / 1P
   STATE OF THE ART PRIMARY SIDE SWITCH FOR AC/DC CONVERTERS
logo
List of Unclassifed Man...
TRR2A12F ETC1-TRR2A12F Datasheet
159Kb / 2P
   Miniature, cost-efective switching solution,,state of the art capsule designs
logo
Silicon Laboratories
AN840 SILABS-AN840 Datasheet
96Kb / 4P
   Redefining a New State-of-the-Art in Microampere Current-Sense Amplifiers
logo
TRINAMIC Motion Control...
TMC6130 TRINAMIC-TMC6130 Datasheet
718Kb / 32P
   Cost-effective high-current BLDC motor driver with state-of-the-art feature set.
logo
List of Unclassifed Man...
EVALU8R ETC2-EVALU8R Datasheet
501Kb / 26P
   State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com