Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2206080001 Datasheet(PDF) 1 Page - Meder Electronic

Part # 2206080001
Description  Reed sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

2206080001 Datasheet(HTML) 1 Page - Meder Electronic

  2206080001 Datasheet HTML 1Page - Meder Electronic 2206080001 Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"#
$%%
&
'(
)*"
+, *
-.&"
,
*
&/0"*1-
)*""-2#"
, *
-.&"
("*!
*!3
("*#
"04(5""#67
"8/"98:
("";
4()<(
=/";9;
4()<(
(0"
4()<(
=/";"
=/$>99
"9
"*"
)?-;#5"#
@";
5
(
)0/"
";&"
!"#
"=9"
/<
#*@A
65"
5"&
;&
#0
("";
,#""/"#/"&;9
B+36(
B+36(
$%
4;"50
C(/";
4;"
C(/";50
B?D
?C-E@3FFD
&&950
&&950
&&9
$%
&&9


Similar Part No. - 2206080001

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
2206080002 MEDER-2206080002 Datasheet
126Kb / 2P
   Reed sensor
2206080007 MEDER-2206080007 Datasheet
126Kb / 2P
   Reed Relay
2206080008 MEDER-2206080008 Datasheet
125Kb / 2P
   Reed sensor
More results

Similar Description - 2206080001

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK0201B901000W MEDER-MK0201B901000W Datasheet
206Kb / 2P
   Reed sensor
MK0211A661700W MEDER-MK0211A661700W Datasheet
189Kb / 2P
   Reed sensor
MK0211B904000W MEDER-MK0211B904000W Datasheet
194Kb / 2P
   Reed sensor
MK0211C90500W MEDER-MK0211C90500W Datasheet
187Kb / 2P
   Reed sensor
MK0221B901000W MEDER-MK0221B901000W Datasheet
190Kb / 2P
   Reed sensor
9231350044 MEDER-9231350044 Datasheet
108Kb / 2P
   Reed sensor
9203110014 MEDER-9203110014 Datasheet
212Kb / 2P
   Reed sensor
9118393054 MEDER-9118393054 Datasheet
103Kb / 2P
   Reed sensor
9221350042 MEDER-9221350042 Datasheet
127Kb / 2P
   Reed sensor
9240000010 MEDER-9240000010 Datasheet
177Kb / 3P
   Reed sensor
9240000021 MEDER-9240000021 Datasheet
179Kb / 3P
   Reed sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com