Electronic Components Datasheet Search |
|
GBC846 Datasheet(PDF) 1 Page - E-Tech Electronics LTD |
|
GBC846 Datasheet(HTML) 1 Page - E-Tech Electronics LTD |
1 / 2 page 1/2 G G B B C C 884466 N N P P N N E E P P II T T A A X X II A A L L P P L L A A N N A A R R T T R R A A N N S S II S S T T O O R R Description The GBC846 is designed for switching and AF amplifier application, suitable for automatic insertion in thick and thin-film circuits. Package Dimensions Millimeter Millimeter REF. Min. Max. REF. Min. Max. A 2.70 3.10 G 1.90 REF. B 2.40 2.80 H 1.00 1.30 C 1.40 1.60 K 0.10 0.20 D 0.35 0.50 J 0.40 - E 0 0.10 L 0.85 1.15 F 0.45 0.55 M 0 C 10 C Absolute Maximum Ratings at Ta = 25 :::: Parameter Symbol Ratings Unit Junction Temperature Tj +150 Storage Temperature Tstg -55 ~ +150 Collector to Base Voltage VCBO 80 V Collector to Emitter Voltage VCEO 65 V Emitter to Base Voltage VEBO 6 V Collector Current IC 100 mA Total Power Dissipation PD 250 mW Characteristics at Ta = 25 :::: Symbol Min. Typ. Max. Unit Test Conditions BVCBO 80 - - V IC=100uA BVCEO 65 - - V IC=1mA BVEBO 6 - - V IE=10uA ICBO - - 15 nA VCB=30V VCE(sat)1 - 90 250 mV IC=10mA, IB=0.5mA VCE(sat)2 - 200 600 mV IC=100mA, IB=5mA VBE(sat)1 - 700 - mV IC=10mA, IB=0.5mA VBE(sat)2 - 900 - mV IC=100mA, IB=5mA VBE(on)1 580 - 700 mV VCE=5V, IC=2mA VBE(on)2 - - 770 mV VCE=5V, IC=10mA hFE 110 - 800 VCE=5V, IC=2mA fT - 300 - MHz VCE=5V, IC=10mA Cob - 3.5 6 pF VCB=10V, f=1MHz, IE=0A |
Similar Part No. - GBC846 |
|
Similar Description - GBC846 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |