Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBL540 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GBL540
Description  The GBL540 is designed for Low Voltage, High Frequency Inverter, Free Wheeling, and Polarity Protection Application
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GBL540 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GBL540 Datasheet HTML 1Page - E-Tech Electronics LTD GBL540 Datasheet HTML 2Page - E-Tech Electronics LTD GBL540 Datasheet HTML 3Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
G
G B
B L
L 554400
Description
The GBL540 is designed for Low Voltage, High Frequency Inverter, Free Wheeling, and Polarity Protection Application.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A A B
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
2.20
2.80
K
0
0.15
E
2.30 REF.
L
0.90
1.50
F
0.70
0.90
M
5.40
5.80
S
0.60
0.90
R
0.80
1.20
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
-40~+125
Storage Temperature
Tstg
-40~+125
Typical Thermal Resistance Junction to Case
R JC
3.0
/W
Typical Junction Capacitance
Cj
405
pF
Reverse Leakage Current @ Tj = 25 :
VR=40V
0.3
mA
Reverse Leakage Current @ Tj = 125 : VR=40V
IRM
40
mA
Forward Voltage Drop @ IF = 5.0A , Tj = 25 :
0.55
V
Forward Voltage Drop @ IF = 5.0A , Tj = 125 :
VFM
0.44
V
Non-Repetitive Peak Forward Surge Current 5us
Single half Sine-wave superimposed on rated load
340
Non-Repetitive Peak Forward Surge Current 10ms
Single half Sine-wave superimposed on rated load
IFSM
70
A
Rectangular waveform
IF
5.0
A
DC Reverse Voltage
VR(RMS)
V
Working Peak Reverse Voltage
VRwM
40
40
V


Similar Part No. - GBL540

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GBL540 GTM-GBL540 Datasheet
198Kb / 3P
   Low Voltage, High Frequency Inverter
More results

Similar Description - GBL540

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GB330 ETL-GB330 Datasheet
212Kb / 3P
   The GB330 is designed for Low Voltage, High Frequency Inverter, Free Wheeling, and Polarity Protection Application
GB340 ETL-GB340 Datasheet
218Kb / 3P
   The GB340 is designed for Low Voltage, High Frequency Inverter, Free Wheeling, and Polarity Protection Application
GBG640CT ETL-GBG640CT Datasheet
189Kb / 3P
   The GBG640CT is designed for low voltage, high frequency inverter, free wheeling, and polarity protection application
GBG1040 ETL-GBG1040 Datasheet
203Kb / 3P
   The GBG1040 is designed for low voltage, high frequency inverter, free wheeling, and polarity protection application
GBG1040CT ETL-GBG1040CT Datasheet
204Kb / 3P
   The GBG1040CT is designed for low voltage, high frequency inverter, free wheeling, and polarity protection application.
logo
GTM CORPORATION
GB340 GTM-GB340 Datasheet
211Kb / 3P
   Low Voltage, High Frequency Inverter, Free Wheeling, and Polarity Protection
logo
Shanghai Leiditech Elec...
B5817WS LEIDITECH-B5817WS Datasheet
554Kb / 2P
   For use in low voltage, high frequency inverters Free wheeling, and polarity protection applications.
SM5817WS LEIDITECH-SM5817WS Datasheet
551Kb / 2P
   For use in low voltage, high frequency inverters Free wheeling, and polarity protection applications
logo
GTM CORPORATION
GBG1040CT GTM-GBG1040CT Datasheet
196Kb / 3P
   low voltage, high frequency inverter, free wheeling
logo
E-Tech Electronics LTD
GB840 ETL-GB840 Datasheet
141Kb / 2P
   The GB840 is designed for switching power supplies, converters, free wheeling and reverse battery protection applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com