Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4747 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # 1N4747
Description  SILICON PLANAR POWER ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

1N4747 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  1N4747 Datasheet HTML 1Page - GOOD-ARK Electronics 1N4747 Datasheet HTML 2Page - GOOD-ARK Electronics 1N4747 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes:
(1) The Zener Impedance is derived from the 60 Hz AC voltage which results when an AC current having an RMS value
equal to 10% of the Zener current (I
ZT or IZK) is superimposed on IZT or IZK. Zener Impedance is measured at two points
to insure a sharp knee on the breakdown curve and to eliminate unstable units.
(2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
(3) Measured under thermal equilibrium and DC test conditions.
Type
Zener voltage
range 3)
Maximum Zener Impedance 1)
Reverse leakage
current
Surge
current at
T
A=25
Maximum
regulator current 2)
V
znom
I
ZT
r
zjT and rzjk at IZK
I
R at VR
I
R
I
ZM
VmA
mA
uA
V
mA
mA
1N4728
3.3
76
10
400
1.0
150
1
1375
275
1N4729
3.6
69
10
400
1.0
100
1
1260
252
1N4730
3.9
64
9
400
1.0
100
1
1190
234
1N4731
4.3
58
9
400
1.0
50
1
1070
217
1N4732
4.7
53
8
500
1.0
10
1
970
193
1N4733
5.1
49
7
550
1.0
10
1
890
178
1N4734
5.6
45
5
600
1.0
10
2
810
162
1N4735
6.2
41
2
700
1.0
10
3
730
146
1N4736
6.8
37
3.5
700
1.0
10
4
660
133
1N4737
7.5
34
4.0
700
0.5
10
5
605
121
1N4738
8.2
31
4.5
700
0.5
10
6
550
110
1N4739
9.1
28
5.0
700
0.5
10
7
500
100
1N4740
10
25
7
700
0.25
10
7.6
454
91
1N4741
11
23
8
700
0.25
5
8.4
414
83
1N4742
12
21
9
700
0.25
5
9.1
380
76
1N4743
13
19
10
700
0.25
5
9.9
344
69
1N4744
15
17
14
700
0.25
5
11.4
304
61
1N4745
16
15.5
16
700
0.25
5
12.2
285
57
1N4746
18
14
20
750
0.25
5
13.7
250
50
1N4747
20
12.5
22
750
0.25
5
15.2
225
45
1N4748
22
11.5
23
750
0.25
5
16.7
205
41
1N4749
24
10.5
25
750
0.25
5
18.2
190
38
1N4750
27
9.5
35
750
0.25
5
20.6
170
34
1N4751
30
8.5
40
1000
0.25
5
22.8
150
30
1N4752
33
7.5
45
1000
0.25
5
25.1
135
27
1N4753
36
7.0
50
1000
0.25
5
27.4
125
25
1N4754
39
6.5
60
1000
0.25
5
29.7
115
23
1N4755
43
6.0
70
1500
0.25
5
32.7
110
22
1N4756
47
5.5
80
1500
0.25
5
35.8
95
19
1N4757
51
5.0
95
1500
0.25
5
38.8
90
18
1N4758
56
4.5
110
2000
0.25
5
42.6
80
16
1N4759
62
4.0
125
2000
0.25
5
47.1
70
14
1N4760
68
3.7
150
2000
0.25
5
51.7
65
13
1N4761
75
3.3
175
2000
0.25
5
56.0
60
12
1N4762
82
3.0
200
3000
0.25
5
62.2
55
11
1N4763
91
2.8
250
3000
0.25
5
69.2
50
10
1N4764
100
2.5
350
3000
0.25
5
76.0
45
9
2


Similar Part No. - 1N4747

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
1N4747 CHENDA-1N4747 Datasheet
1Mb / 3P
   ZENER DIODES
logo
Surge Components
1N4747 SURGE-1N4747 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Silicon Standard Corp.
1N4747 SSC-1N4747 Datasheet
173Kb / 3P
   Zener Diodes
logo
New Jersey Semi-Conduct...
1N4747 NJSEMI-1N4747 Datasheet
105Kb / 2P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-110 VOLTS
logo
Bytesonic Electronics C...
1N4747 BYTESONIC-1N4747 Datasheet
405Kb / 4P
   Silicon Planar Power Zener Diodes
More results

Similar Description - 1N4747

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com