Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GE13003 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GE13003
Description  N P N S I L I C O N P O W E R T R A N S I S T O R
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GE13003 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GE13003 Datasheet HTML 1Page - E-Tech Electronics LTD GE13003 Datasheet HTML 2Page - E-Tech Electronics LTD GE13003 Datasheet HTML 3Page - E-Tech Electronics LTD GE13003 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
ISSUED DATE :2005/01/12
REVISED DATE :
Electrical Characteristics(Tc = 25
Unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max. Unit
Test Conditions
*Off Characteristics(1)
Collector-Emitter Sustaining Voltage
VCEO(sus)
400
-
-
V
IC=10mA , IB=0
Collector Cutoff Current
ICEV
-
-
1
5
mA
VCEV=Rated Value, VBE(off)=1.5V
VCEV=Rated Value, VBE(off)=1.5V,
TC=100 :
Emitter Cutoff Current
IEBO
-
-
1
mA
VEB=9V
*On Characteristics(1)
VCE(sat)1
-
-
0.5
IC=500mA, IB=100mA
VCE(sat)2
-
-
1.0
IC=1A, IB=250mA
VCE(sat)3
-
-
3.0
IC=1.5A, IB=500mA
Collector-Emitter Saturation Voltage
VCE(sat)4
-
-
1.0
V
IC=1A, IB=250mA, TC=100 :
VBE(sat)1
-
-
1.0
IC=500mA, IB=100mA
VBE(sat)2
-
-
1.2
IC=1A, IB=250mA
Base-Emitter Saturation Voltage
VBE(sat)3
-
-
1.1
V
IC=1A, IB=250mA, TC=100 :
HFE1
8
-
40
VCE=2V, IC=500mA
DC Current Gain
HFE2
5
-
25
VCE=2V, IC=1A
Current-Gain Bandwidth Product
fT
4
10
-
MHz VCE=10V, IC=100mA, f=1MHz
Output Capacitance
Cob
-
21
-
pF
VCB=10V, IE=0, f=0.1MHz
*Switching Characteristics
Delay Time
Td
-
0.05
0.1
Rise Time
Tr
-
0.5
1
Storage Time
Ts
-
2
4
Fall Time
Tf
-
0.4
0.7
s
VCC=125V, IC=1A, IB1=IB2=0.2A,
Tp=25 s, Duty Cycle 1%
Storage Time
Tsv
-
1.7
4
Crossover Time
Tc
-
0.29
0.75
Fall Time
Tfi
-
0.15
-
s
IC=1A, Vclamp=300V, IB1=0.2A,
VBE(off)=5Vdc, TC=100 :
(1)Pulse Test: Pulse Width=300 s, Duty Cycle
¯%
Classification Of HFE1
Rank
A
B
C
D
E
F
Range
8~16
15~21
20~26
25~31
30~36
35~40


Similar Part No. - GE13003

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GE13003 GTM-GE13003 Datasheet
467Kb / 4P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - GE13003

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA56 ETL-GSMBTA56 Datasheet
196Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA05 ETL-GSMBTA05 Datasheet
211Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
GSC1473A ETL-GSC1473A Datasheet
139Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
GMBTA05 ETL-GMBTA05 Datasheet
227Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
GSMBTA06 ETL-GSMBTA06 Datasheet
211Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
GMA06 ETL-GMA06 Datasheet
222Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
GM4672 ETL-GM4672 Datasheet
203Kb / 2P
   N P N E P I T A X I A L S I L I C O N T R A N S I S T O R
GI4672 ETL-GI4672 Datasheet
163Kb / 2P
   N P N E P I T A X I A L S I L I C O N T R A N S I S T O R
GJ4672 ETL-GJ4672 Datasheet
162Kb / 2P
   N P N E P I T A X I A L S I L I C O N T R A N S I S T O R
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com