Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3938SLDTR Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A3938SLDTR
Description  Three-Phase Power MOSFET Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3938SLDTR Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A3938SLDTR Datasheet HTML 3Page - Allegro MicroSystems A3938SLDTR Datasheet HTML 4Page - Allegro MicroSystems A3938SLDTR Datasheet HTML 5Page - Allegro MicroSystems A3938SLDTR Datasheet HTML 6Page - Allegro MicroSystems A3938SLDTR Datasheet HTML 7Page - Allegro MicroSystems A3938SLDTR Datasheet HTML 8Page - Allegro MicroSystems A3938SLDTR Datasheet HTML 9Page - Allegro MicroSystems A3938SLDTR Datasheet HTML 10Page - Allegro MicroSystems A3938SLDTR Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Three-Phase Power MOSFET Controller
A3938
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Synchronous Rectification. To reduce power con-
sumption in the external MOSFETs, during the load current
recirculation PWM-off cycle, the A3938 control logic turns
on the appropriate low-side driver only. The reverse body
diode of the power MOSFET conducts only during the dead
time required at each PWM transition, as usual. However,
unlike full synchronous rectification, the opposite high-side
FET’s body diode (not the R
DSON) will carry the re-circulat-
ing current, be self-extinguishing, and not force the motor to
reverse direction.
Dead Time. To prevent cross-conduction, it is required to
have a delay between a high-side or low-side turn-off, and
the next turn-on event. The potential for cross-conduction
occurs with synchronous rectification, direction changes,
PWM, or after a bootstrap capacitor charging cycle. This
dead-time is set via a resistor from the DEAD pin to LCAP
and can be varied from 100 ns to 5.5 μs.
For a nominal case, given:
• 25°C ambient temperature, and
• 5.6 kΩ < R
dead < 470 kΩ,
t
dead (nom,ns) = 37 + [(11.9
×10-3)× (R
dead + 500)]
For predicting worst-case overvoltage and temperature
extremes, use the following equations:
t
dead (min,ns) = 10 + [(6.55
×10-3)× (R
dead + 350)]
t
dead (max,ns) = 63 + [(17.2
×10-3)×(R
dead + 650)]
For nominal comparison with I
dead currents, also at 25°C
ambient temperature:
I
dead = (Vlcap – Vbe) / (Rdead + Rint)
where V
lcap = 5 V, Vbe = 0.7 V, and Rint = 500 Ω.
Rather than use R
dead values near 470 kΩ, set Vdead = 0 V,
which activates an internal (I
dead = 10 μA) current source.
The choice of power MOSFET and external gate resistance
determines the selection of the dead-time resistor. The dead
time should be made long enough to cover the variation of
the MOSFET capacitance and gate resistor tolerances (both
external and internal to the A3938).
Decoupling. The internal reference VREG supplies
current for the gate drive circuit. As the gates are driven
high, they will require current from an external decoupling
capacitor to support the transients. This capacitor should be
placed as close as possible to the VREG pin. The value of the
capacitor should be at least 20 times larger than the bootstrap
capacitor. Additionally, a 1 nF (or larger) ceramic monolithic
capacitor should be connected between LCAP and AGND, as
close to the device pins as possible.
Protection Circuitry. The A3938 has several protection
features:
• Bootstrap Monitor. The bootstrap capacitor is charged
whenever a sink-side MOSFET is on, an Sx output goes low,
or load current recirculates. This happens constantly during
normal operation.
Note: The high side will not be allowed to turn on before the
charging has decayed to less than approximately 9 mA.
• Undervoltage. VREG supplies the low-side gate driver
and the bootstrap charge current. It is critical to ensure that
the voltages are at a proper level before enabling any of the
outputs. The undervoltage circuit is active during power-up
and signals a fault, and also coasts or brakes (depending
on the stored BRKSEL setting) the motor during that time
period, until VREG is greater than approximately 10 V. On
powering down, a fault is signaled and the motor is coasted
or braked, depending on the stored setting for BRKSEL.
• Hall Invalid. Illegal codes for the Hall sensor inputs (0,0,0
or 1,1,1) force a fault and coast the motor. Noisy Hall lines
may cause Hall code errors, and therefore faults. Additional
external pull-up loading and filtering may be required in
some systems.
Hint: Use dividers to the VREG terminal, than to the LCAP
terminal, because the VREG terminal has more current
capability.
• Thermal Shutdown. Junction temperatures greater than
165
C cause the A3938 to signal a fault and coast the motor.
• Motor Lead. The A3938 signals a fault if the motor lead
is shorted to ground. A short-to-ground is assumed after a
high- side is turned on and greater than 2 V is measured
between the drain (VBB) and source (Sx) of the high-side
power MOSFET. This fault is cleared at the beginning of
Application Information


Similar Part No. - A3938SLDTR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3938SLD ALLEGRO-A3938SLD Datasheet
399Kb / 11P
   Three-Phase Power MOSFET Controller
A3938SLD-T ALLEGRO-A3938SLD-T Datasheet
399Kb / 11P
   Three-Phase Power MOSFET Controller
More results

Similar Description - A3938SLDTR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3938SEQ ALLEGRO-A3938SEQ Datasheet
399Kb / 11P
   Three-Phase Power MOSFET Controller
A3932 ALLEGRO-A3932_13 Datasheet
364Kb / 12P
   Three-Phase Power MOSFET Controller
3932 ALLEGRO-3932 Datasheet
67Kb / 8P
   THREE PHASE POWER MOSFET CONTROLLER
03/02/99
A3938 ALLEGRO-A3938_16 Datasheet
369Kb / 11P
   Three-Phase Power MOSFET Controller
A3932SLD-T ALLEGRO-A3932SLD-T Datasheet
364Kb / 12P
   Three-Phase Power MOSFET Controller
3932 ALLEGRO-3932_03 Datasheet
277Kb / 13P
   THREE-PHASE POWER MOSFET CONTROLLER
3935 ALLEGRO-3935_03 Datasheet
299Kb / 15P
   THREE-PHASE POWER MOSFET CONTROLLER
A3938 ALLEGRO-A3938 Datasheet
370Kb / 11P
   Three-Phase Power MOSFET Controller
A3932 ALLEGRO-A3932 Datasheet
365Kb / 12P
   Three-Phase Power MOSFET Controller
3933 ALLEGRO-3933 Datasheet
168Kb / 12P
   THREE-PHASE POWER MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com