Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3938SLDTR Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A3938SLDTR
Description  Three-Phase Power MOSFET Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3938SLDTR Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A3938SLDTR Datasheet HTML 3Page - Allegro MicroSystems A3938SLDTR Datasheet HTML 4Page - Allegro MicroSystems A3938SLDTR Datasheet HTML 5Page - Allegro MicroSystems A3938SLDTR Datasheet HTML 6Page - Allegro MicroSystems A3938SLDTR Datasheet HTML 7Page - Allegro MicroSystems A3938SLDTR Datasheet HTML 8Page - Allegro MicroSystems A3938SLDTR Datasheet HTML 9Page - Allegro MicroSystems A3938SLDTR Datasheet HTML 10Page - Allegro MicroSystems A3938SLDTR Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Three-Phase Power MOSFET Controller
A3938
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
LD Package, 38-pin TSSOP
1.20 MAX
6.00
1.60
SEATING
PLANE
0.50
C
0.10
38X
C
0.30
0.10 ±0.05
0.22 ±0.05
4.40 ±0.10
6.40 ±0.20
9.70 ±0.10
0.15 +0.06
–0.05
2
1
38
2
1
38
GAUGE PLANE
SEATING PLANE
A
A Terminal #1 mark area
All dimensions nominal, not for tooling use
(reference JEDEC MO-153 BD-1)
Dimensions in millimeters
B
B Reference pad layout (reference IPC SOP50P640X110-38M)
All pads a minimum of 0.20 mm from all adjacent pads; adjust as necessary
to meet application process requirements and PCB layout tolerances
PCB Layout Reference View
0.50
0.25
Copyright ©2003-2013, Allegro MicroSystems, LLC
Allegro MicroSystems, LLC reserves the right to make, from time to time, such departures from the detail specifications as may be required to
permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that
the information being relied upon is current.
Allegro’s products are not to be used in life support devices or systems, if a failure of an Allegro product can reasonably be expected to cause the
failure of that life support device or system, or to affect the safety or effectiveness of that device or system.
The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, LLC assumes no responsibility for its
use; nor for any infringement of patents or other rights of third parties which may result from its use.
For the latest version of this document, visit our website:
www.allegromicro.com


Similar Part No. - A3938SLDTR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3938SLD ALLEGRO-A3938SLD Datasheet
399Kb / 11P
   Three-Phase Power MOSFET Controller
A3938SLD-T ALLEGRO-A3938SLD-T Datasheet
399Kb / 11P
   Three-Phase Power MOSFET Controller
More results

Similar Description - A3938SLDTR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3938SEQ ALLEGRO-A3938SEQ Datasheet
399Kb / 11P
   Three-Phase Power MOSFET Controller
A3932 ALLEGRO-A3932_13 Datasheet
364Kb / 12P
   Three-Phase Power MOSFET Controller
3932 ALLEGRO-3932 Datasheet
67Kb / 8P
   THREE PHASE POWER MOSFET CONTROLLER
03/02/99
A3938 ALLEGRO-A3938_16 Datasheet
369Kb / 11P
   Three-Phase Power MOSFET Controller
A3932SLD-T ALLEGRO-A3932SLD-T Datasheet
364Kb / 12P
   Three-Phase Power MOSFET Controller
3932 ALLEGRO-3932_03 Datasheet
277Kb / 13P
   THREE-PHASE POWER MOSFET CONTROLLER
3935 ALLEGRO-3935_03 Datasheet
299Kb / 15P
   THREE-PHASE POWER MOSFET CONTROLLER
A3938 ALLEGRO-A3938 Datasheet
370Kb / 11P
   Three-Phase Power MOSFET Controller
A3932 ALLEGRO-A3932 Datasheet
365Kb / 12P
   Three-Phase Power MOSFET Controller
3933 ALLEGRO-3933 Datasheet
168Kb / 12P
   THREE-PHASE POWER MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com