Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6276EA-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A6276EA-T
Description  16-Bit Serial Input, Constant-Current Latched LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6276EA-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A6276EA-T Datasheet HTML 1Page - Allegro MicroSystems A6276EA-T Datasheet HTML 2Page - Allegro MicroSystems A6276EA-T Datasheet HTML 3Page - Allegro MicroSystems A6276EA-T Datasheet HTML 4Page - Allegro MicroSystems A6276EA-T Datasheet HTML 5Page - Allegro MicroSystems A6276EA-T Datasheet HTML 6Page - Allegro MicroSystems A6276EA-T Datasheet HTML 7Page - Allegro MicroSystems A6276EA-T Datasheet HTML 8Page - Allegro MicroSystems A6276EA-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
16-Bit Serial Input, Constant-Current
Latched LED Driver
A6276
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Copyright © 2000, 2003 Allegro MicroSystems, Inc.
Terminal Description
Terminal No.
Terminal Name
Function
1
GND
Reference terminal for control logic.
2
SERIAL DATA IN
Serial-data input to the shift-register.
3
CLOCK
Clock input terminal for data shift on rising edge.
4
LATCH ENABLE
Data strobe input terminal; serial data is latched with high-level input.
5-20
OUT0-15
The 16 current-sinking output terminals.
21
OUTPUT ENABLE
When (active) low, the output drivers are enabled; when high, all output
drivers are turned OFF (blanked).
22
SERIAL DATA OUT
CMOS serial-data output to the following shift-register.
23
REXT
An external resistor at this terminal establishes the output current for all
sink drivers.
24
SUPPLY
(VDD) The logic supply voltage (typically 5 V).
GROUND
REGISTER
LATCHES
1
2
3
18
19
20
21
23
4
5
6
7
22
24
SERIAL
DATA OUT
LOGIC
SUPPLY
SERIAL
DATA IN
OUTPUT
ENABLE
LATCH
ENABLE
CLOCK
CK
V DD
OE
OUT 1
OUT 2
OUT 0
OUT 12
OUT 14
OUT 13
OUT 3
OUT 15
R EXT
I
REGULATOR
L
O
12
9
10
11
OUT 5
OUT 6
OUT 4
OUT 7
13
14
15
16
8
17
OUT 8
OUT 10
OUT 9
OUT 11
Pin-out Diagram
(A, LP, and LW packages)


Similar Part No. - A6276EA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6276EA-T ALLEGRO-A6276EA-T Datasheet
347Kb / 14P
   16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIV ER
More results

Similar Description - A6276EA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6276 ALLEGRO-6276 Datasheet
154Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIVER
A6275ELWTR ALLEGRO-A6275ELWTR Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275EA-T ALLEGRO-A6275EA-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275ELWTR-T ALLEGRO-A6275ELWTR-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
6276 ALLEGRO-6276_03 Datasheet
347Kb / 14P
   16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIV ER
6276 ALLEGRO-6276 Datasheet
190Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
6277 ALLEGRO-6277 Datasheet
203Kb / 12P
   8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
July 20, 2000
6275 ALLEGRO-6275 Datasheet
179Kb / 12P
   8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
   16-bit Constant Current LED Driver
logo
Unisonic Technologies
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com