Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J24B2B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # J24B2B
Description  Plug-In Outlet Center Units
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

J24B2B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  J24B2B Datasheet HTML 1Page - List of Unclassifed Manufacturers J24B2B Datasheet HTML 2Page - List of Unclassifed Manufacturers J24B2B Datasheet HTML 3Page - List of Unclassifed Manufacturers J24B2B Datasheet HTML 4Page - List of Unclassifed Manufacturers J24B2B Datasheet HTML 5Page - List of Unclassifed Manufacturers J24B2B Datasheet HTML 6Page - List of Unclassifed Manufacturers J24B2B Datasheet HTML 7Page - List of Unclassifed Manufacturers J24B2B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
F E A T U R E S & B E N E F I T S
ED795 R10 – Updated February 2013 – For latest specs visit www.legrand.us/wiremold
Wiremold® Plug-In Outlet Center Units bring power
safely and conveniently to wherever you need it. These
units are ideal for use in a wide variety of settings,
including relay racks and cabinets, laboratories,
workshops, classrooms and offices.
Plug-In Outlet Center Units include rack mount,
Cabinet-MATE, compact, 90 degree, deluxe control,
industrial, and international units. Most units are
available in both 15 and 20 Amp configurations.
Wiremold also offers extensive custom capabilities
for Plug-In Outlet Center Units. Contact the factory for
more information.
Plug-In Outlet Center® Units
■ User-ready outlets. Plug-In Outlet Center units provide
power distribution in a portable, plug-in unit.
■ Rugged construction. Durable 2" x 1 3/4" [44mm x 51mm]
or 3 1/2" x 2" [89mm x 44mm] aluminum housing. Some
Plug-In Outlet Center units are available with an impact-
resistant plastic housing.
■ Space saving. Rack mount units fit standard 19" [482mm]
relay racks. Compact 1U design takes up minimum space.
23" [584mm] units available, consult factory.
■ Low profile. CabinetMATE units offer a narrow 1 1/2"
x 1 3/16" [38mm x 20mm] aluminum housing.
■ Aesthetically pleasing. Rack mount units have a black
matte finish and a black cord. CabinetMATE, compact
and industrial units have a gray finish and a black cord.
Deluxe control and 20A units have a putty white finish
and a black cord. Most units with a putty white finish
have a putty white cord. Special Use units have a
white finish and a white cord.
■ Flexible mounting. Each unit features one of four
different mounting types. Each mounting method has
been designed to optimize the performance of the
product. Complete mounting hardware and installation
instructions are included with every unit.
■ Cord properly rated to load requirements. 15A units
have a 14/3 SJT cord and a NEMA 5-15P plug. 20A
units have a 12/3 SJT cord and a NEMA 5-20P or
NEMA L5-20P plug.
■ Lighted switch. Most units have lighted on/off
switch(es) to control power to the unit.
■ Resettable circuit breaker. Provides overload protection.
■ Two-Year product warranty.
■ UL and cUL Listed or Recognized. Units are UL and cUL
Listed to UL1363 standards. Rack mount units are UL and
cUL Recognized to UL1363 standards.
Plug-In Outlet
Center
® Units
J08B0B (Front & Back)
UL207BC
J06BOB20X-AM (Front)
P6


Similar Part No. - J24B2B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J24B2B ETC2-J24B2B Datasheet
1Mb / 8P
   Plug-In Outlet Center Units
More results

Similar Description - J24B2B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULBH4-6 ETC2-ULBH4-6 Datasheet
1Mb / 8P
   Plug-In Outlet Center Units
SPIKECUBE ETC2-SPIKECUBE Datasheet
506Kb / 4P
   1-outlet, Direct plug-in, 600 joule Surge Suppressor
logo
Molex Electronics Ltd.
1301530221 MOLEX-1301530221 Datasheet
218Kb / 1P
   20A. IN-LINE GFCI W/HUBBEL PLUG & PORTABLE OUTLET BOX
2022/03/03
1301530140 MOLEX-1301530140 Datasheet
267Kb / 1P
   IN-LINE GFCI WITH WATERTITE PLUG AND PORTABLE OUTLET BOX
2022/03/03
logo
List of Unclassifed Man...
ISOBLOK2-0 ETC2-ISOBLOK2-0 Datasheet
533Kb / 4P
   2-outlet, Direct Plug-in, 1410 joules Isobar Surge Suppressor- Direct plug-in surge, spike and line
TLP31SAT ETC2-TLP31SAT Datasheet
545Kb / 5P
   3 outlet - 2 fixed outlets, 1 rotating power outlet and rotating coax, Direct plug-in, 1080 Joules
logo
Cooper Bussmann, Inc.
SRX COOPER-SRX Datasheet
143Kb / 2P
   Box Cover Units for Plug Fuses
logo
List of Unclassifed Man...
SK10TG ETC2-SK10TG Datasheet
538Kb / 4P
   1 Outlet, Direct Plug-In, 350 Joules, Timer - Protect It! Surge Suppressor
logo
Winchester Electronics ...
260-910-0631G WINCHESTER-260-910-0631G Datasheet
67Kb / 1P
   RDM PLUG, CRIMP CAPTIVE CENTER CONTACT
logo
List of Unclassifed Man...
ULTRAFAX ETC2-ULTRAFAX Datasheet
532Kb / 5P
   2 outlet, Direct plug-in, 1410 joules, All-Metal Housing Isobar Surge Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com