Selected language     English  ▼


J06B0B20 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. J06B0B20
Description  Plug-In Outlet Center Units
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 3 page
background image
3
Catalog No./Item
Description/Specifications
3609ULBC
CabinetMATE Plug-In Outlet
3609ULBD
Center – Nine outlets. 6' [1.8m]
(3609ULBC) or 15' [4.6m]
(3609ULBD) cord. Length 36"
[914mm]. Receptacle center-to-
center 3" [76mm].
4810ULBC
CabinetMATE Plug-In Outlet
4810ULBD
Center – Ten outlets. 6' [1.8m]
(4810ULBC) or 15' [4.6m]
(4810ULBD)cord. Length 48"
[1.2m]. Receptacle center-to-
center 4" [102mm].
7011ULBC
CabinetMATE Plug-In Outlet
7011ULBD
Center – Eleven outlets. 6' [1.8m]
(7011ULBC) or 15' [4.6m]
(7011ULBD) cord. Length 70"
[1.8m]. Receptacle center-to-
center 6" [152mm].
7712ULBC
CabinetMATE Plug-In Outlet
7712ULBD
Center – Twelve outlets. 6' [1.8m]
(7712ULBC) or 15' [4.6m]
(7712ULBD) cord. Length 77" [2m].
Receptacle center-to-center
6" [152mm].
15A CabinetMATE Plug-In Outlet Centers Ordering Information
4810ULBC/
4810ULBD
7011ULBC/
7011ULBD
7712ULBC/
7712ULBD
j
j
j
j
3609ULBC/
3609ULBD




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl