Electronic Components Datasheet Search
Selected language     English  ▼


J06B0B20 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. J06B0B20
Description  Plug-In Outlet Center Units
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 4 page
background image
4
Catalog No./Item
Description/Specifications
2008ULBC20R
CabinetMATE Plug-In Outlet
2008ULBD20R
Center – Eight 20A outlets with
2008ULBC20R-TL*
t-slots. 6' [1.8m] (2008ULBC20R,
2008ULBD20R-TL*
2008ULBC20R-TL) or 15' [4.6m]
(2008ULBD20R, 2008ULBD20R-TL)
cord. Length 20" [508mm].
Receptacle center-to-center 1 1/4"
[32mm]. Units available with straight
blade or NEMA L5-20P locking plug.
4810ULBC20R
CabinetMATE Plug-In Outlet
4810ULBD20R
Center – Ten 20A outlets with
4810ULBC20R-TL*
t-slots. 6' [1.8m] (4810ULBC20R,
4810ULBD20R-TL*
4810ULBC20R-TL) or 15' [4.6m]
(4810ULBD20R, 4810ULBD20R-TL)
cord.Length 48" [1.2m]. Receptacle
center-to-center 4" [102mm].
Units available with straight blade
or NEMA L5-20P locking plug.
7011ULBC20R
CabinetMATE Plug-In Outlet
7011ULBD20R
Center – Eleven 20A outlets with
7011ULBC20R-TL*
t-slots. 6' [1.8m] (7011ULBC20R,
7011ULBD20R-TL*
7011ULBC20R-TL) or 15' [4.6m]
(7011ULBD20R, 7011ULBD20R-TL)
cord. Length 70" [1.6m]. Receptacle
center-to-center 6" [152mm].
Units available with straight blade
or NEMA L5-20P locking plug.
7712ULBC20R
CabinetMATE Plug-In Outlet
7712ULBD20R
Center – Twelve 20A outlets with.
7712ULBC20R-TL*
t-slots. 6' [1.8m] (7712ULBC20R,
7712ULBD20R-TL*
7712ULBC20R-TL) or 15' [4.6m]
(7712ULBD20R, 7712ULBD20R-TL)
cord. Length 77" [2m]. Receptacle
center-to-center 6" [152mm].
Units available with straight blade
or NEMA L5-20P locking plug.
20A CabinetMATE Plug-In Outlet Centers Ordering Information
4810ULBC20R/
4810ULBD20R
2008ULBC20R/
2008ULBD20R
7011ULBC20R/
7011ULBD20R
7712ULBC20R/
7712ULBD20R
20A NEMA L5-20P Locking Plug
* Use “TL” suffix with Catalog Number for locking plug.
j
j
j
j




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl