Selected language     English  ▼


J06B0B20 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part No. J06B0B20
Description  Plug-In Outlet Center Units
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 7 page
background image
Catalog No./Item
Description/Specifications
UL2064BC
Industrial Plug-In Outlet Center –
UL2064BD
Twelve outlets, lighted switch.
6' [1.8m] (UL2064BC) or 15' [4.6m]
(UL2064BD) cord. Length 72"
[1830mm]. Receptacle center-to-
center 5 1/4" [133mm].
Catalog No./Item
Description/Specifications
UL2065BC
Industrial Plug-In Outlet Center –
UL2065BD
Twenty-four outlets, lighted switch.
6' [1.8m] (UL2065BC) or 15' [4.6m]
(UL2065BD) cord. Length 72"
[1830mm]. Receptacle center-to-
center 2 1/2" [64mm].
Catalog No./Item
Description/Specifications
Snap-on/Slide-off
Mounting Bracket – Mount unit in
any position. Includes two aluminum
mounting clips that snap onto
mounting rails on the back of the unit.
Screws also included. Used for all
units with 2" [51mm] housing.
Keyhole Mounting
Keyhole Mounting Bracket –
Mount unit in almost any position.
Screws not included. Available on
all plastic units and units with 3 1/2"
[89mm] aluminum housing.
Catalog No./Item
Description/Specifications
Spring Clip Mounting
Spring Clip Mounting Bracket –
Mount unit in any position. Includes
two spring steel mounting clips that
snap onto the unit. Screws also
included. Used for all units with
1 1/2" [38mm] narrow aluminum
housing.
Rack Mounting
Rack Mounting Bracket – Fits
standard 19" [482mm] rack.
Screws not included.
7
.
Mounting Types
j
j
Catalog No./Item
Description/Specifications
UL215BC
Deluxe Control Plug-In Outlet
UL215BD
Center – Four individually switched
outlets. Lighted on/off switch. Gray
finish. 6' [1.8m] (UL215BC) or 15'
[4.6m] (UL215BD) cord. Length 13"
[330mm]. Width 2" [51mm].
Receptacle center-to-center
2 1/8" [54mm].
Catalog No./Item
Description/Specifications
UL208BC
Deluxe Control Plug-In Outlet
UL208BD
Center – Four individually switched
outlets. Lighted on/off switch. Putty
white finish. 6' [1.8m] (UL208BC) or
15' [4.6m] (UL208BD) cord. Length
7 1/2" [191mm]. Width 3 1/2"
[89mm]. Receptacle center-to-center
1 15/16" [33mm].
UL209BC
Deluxe Control Plug-In Outlet
UL209BD
Center – Eight individually switched
outlets. Lighted on/off switch. Putty
white finish. 6' [1.8m] (UL209BC) or
15' [4.6m] (UL209BD) cord. Length
13" [330mm]. Width 3 1/2" [89mm].
Receptacle center-to-center
1 15/16" [33mm].
j
j
j
Deluxe Control Plug-In Outlet Centers Ordering Information
Industrial Plug-In Outlet Centers Ordering Information
NOTE: For UL units.
NOTE: For CabinetMate units.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl