Electronic Components Datasheet Search
Selected language     English  ▼


J06B0B20X Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. J06B0B20X
Description  Plug-In Outlet Center Units
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
2
Catalog No./Item
Description/Specifications
J08B0B
Rack Mount Plug-In Outlet
J08B2B
Center – Eight rear outlets, lighted
switch. Receptacles rotated 90° and
4 outlets spaced to accommodate
transformers. 6' [1.8m] (J08B0B) or
15' [4.6m] (J08B2B) cord. Receptacle
center-to-center 1 1/2" [38mm] and
2" [51mm].
J06B0B
Rack Mount Plug-In Outlet
J06B2B
Center – Six rear outlets, lighted
switch. 6' [1.8m] (J06B0B) or 15'
[4.6m] (J08B2B) cord. Receptacle
center-to-center1 1/2" [38mm].
J06B0BX
Rack Mount Plug-In Outlet
J06B2BX
Center – Six rear outlets. 6' [1.8m]
(J06B0BX)or 15' [4.6m] (J06B2B)
cord. Receptacle center-to-center
1 1/2" [38mm].
Catalog No./Item
Description/Specifications
J60B0B
Rack Mount Plug-In Outlet
J60B2B
Center – Six front outlets, lighted
switch. 6' [1.8m] (J60B0B) or 15'
[4.6m] (J60B2B) cord. Receptacle
center-to-center1 1/2" [38mm].
J60B0B-90
Rack Mount Plug-In Outlet
J60B2B-90
Center – Six front outlets, lighted
switch. Receptacles rotated 90°.
6' [1.8m] (J60B0B-90) or 15' [4.6m]
(J60B2B-90) cord. Receptacle
center-to-center 1 1/2" [38mm].
J24B0B
Rack Mount Plug-In Outlet
J24B2B
Center – Two front, four rear outlets.
Lighted switch. 6' [1.8m] (J24B0B) or
15' [4.6m] (J24B2 B)cord. Receptacle
center-to-center 1 1/2" [38mm].
15A Rack Mount Plug-In Outlet Centers Ordering Information
Catalog No./Item
Description/Specifications
J06B0B20
Rack Mount Plug-In Outlet
J06B2B20
Center – Six 20A rear outlets,
on/off switch. 6' [1.8m] (J06B0B20)
or 15' [4.6m] (J06B2B20) cord.
Receptacle center-to-center
1 1/2" [38mm].
J06B0B20X
Rack Mount Plug-In Outlet
J06B2B20X
Center – Six 20A rear outlets.
6' [1.8m] (J08B0B20X) or 15' [4.6m]
(J06B0B20X) cord. Receptacle
center-to-center 1 1/2" [38mm].
J06B0B20X -AM
Rack Mount Plug-In Outlet
Center with Digital Ammeter –
Digital LCD readout of current
draw. Six 20A rear outlets. 6'
[1.8m] cord. Receptacle center-
to-center 1 1/2"[38mm].
Catalog No./Item
Description/Specifications
J60B0B20
Rack Mount Plug-In Outlet
J60B2B20
Center – Six 20A front outlets,
on/off switch. 6' [1.8m] (J60B0B20)
or 15' [4.6m] (J60B2B20) cord.
Receptacle center-to-center
1 1/2" [38mm].
J60B0B20X
Rack Mount Plug-In Outlet
J60B2B20X
Center – Six 20A front outlets.
6' [1.8m] (J60B0B20X) or 15' [4.6m]
(J60B2B20X) cord. Receptacle
center-to-center 1 1/2" [38mm].
20A Rack Mount Plug-In Outlet Centers Ordering Information
J60B0B (Front & Back)
J24B0B (Front & Back)
J06B0B20X (Front & Back)
q c




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl