Selected language     English  ▼


J06B0B20X-AM Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. J06B0B20X-AM
Description  Plug-In Outlet Center Units
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 6 page
background image
Catalog No./Item
Description/Specifications
UL309BC
Industrial Plug-In Outlet Center –
UL309BD
Nine outlets, lighted switch, 6' [1.8m]
(UL309BC) or 15' [4.6m] (UL309BD)
cord. Length 36" 915mm].
Receptacle center-to-center
3" [76mm].
UL300BC
Industrial Plug-In Outlet Center –
UL300BD
Eight outlets, lighted switch.
6' [1.8m] (UL300BC) or 15' [4.6m]
(UL300BD) cord. Length 24"
[609mm]. Receptacle center-to-
center 2" [51mm].
UL401BC
Industrial Plug-In Outlet Center –
UL401BD
Eight outlets, lighted switch.
6' [1.8m] (UL401BC) or 15' [4.6m]
(UL401BD) cord. Length 48"
[1220mm]. Receptacle center-to-
center 5 1/4" [133mm].
UL402BC
Industrial Plug-In Outlet Center –
UL402BD
Sixteen outlets, lighted switch.
6' [1.8m] (UL402BC) or 15' [4.6m]
(UL4032BD) cord. Length 48"
[1220mm]. Receptacle center-to-
center 2 1/2" [64mm].
Catalog No./Item
Description/Specifications
UL403BC
Industrial Plug-In Outlet Center –
UL403BD
Eight outlets, 6' [1.8m] (UL403BC) or
15' [4.6m] (UL403BD) cord. Length
48" [1220mm]. Receptacle center-to-
center 5 1/4" [133mm].
UL404BC
Industrial Plug-In Outlet Center –
UL404BD
Sixteen outlets, 6' [1.8m] (UL404BC)
or 15' [4.6m] (UL404BD) cord.
Length 48" [1220mm]. Receptacle
center-to-center 2 1/2" [64mm].
UL2062BC
Industrial Plug-In Outlet Center –
UL2062BD
Twelve outlets, 6' [1.8m] (UL2062BC)
or 15' [4.6m] (UL2062BD) cord.
Length 72" [1830mm]. Receptacle
center-to-center 5 1/4" [133mm].
UL2063BC
Industrial Plug-In Outlet Center –
UL2063BD
Twenty-four outlets, 6' [1.8m]
UL2063BC) or 15' [4.6m]
(UL2063BD)cord. Length 72"
[1830mm]. Receptacle center-to-
center 2 1/2" [64mm].
6
Industrial Plug-In Outlet Centers Ordering Information
j
j
j
j
j
j
j
Catalog No./Item
Description/Specifications
ULB420-6
20A Plug-In Outlet Center – Four
ULB420-15
20A, 120V, 60Hz 2500 watt outlets.
Lighted switch, putty white finish.
6' [1.8m] (ULB420-6) or 15' [4.6m]
(ULB420-15) cord. Length 10 3/4"
[273mm]. Receptacle center-to-
center 1 1/2" [38mm].
ULB620-6
20A Plug-In Outlet Center – Six
ULB620-15
20A, 120V, 60Hz 2500 watt outlets.
Lighted switch, putty white finish.
6' [1.8m] (ULB620-6) or 15' [4.6m]
(ULB620-15) cord. Length 13 1/4"
[337mm]. Receptacle center-to-
center 1 1/2" [38mm].
Catalog No./Item
Description/Specifications
ULB820-6
20A Plug-In Outlet Center – Eight
ULB820-15
20A, 120V, 60Hz 2500 watt outlets.
Lighted switch, putty white finish.
6' [1.8m] (ULB820-6) or 15' [4.6m]
(ULB820-15) cord. Length 17 1/4"
[438mm]. Receptacle center-to-
center 1 1/2" [38mm].
20A Plug-In Outlet Centers Ordering Information
j
j
j




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl