Electronic Components Datasheet Search
Selected language     English  ▼


J06B0B20X-AM Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part No. J06B0B20X-AM
Description  Plug-In Outlet Center Units
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 8 page
background image
Catalog No./Item
Description/Specifications
V20-C2
Steel Cord-Ended Plugmold – Six outlets, ivory or gray finish. 6' [1.8m] cord. Length 40" [1m].
G20-C2
Receptacle center-to-center 6" [152mm].
Steel Cord-Ended Plugmold Ordering Information
Catalog No./Item
Description/Specifications
NM20-C3
Nonmetallic Cord-Ended Plugmold – Six (3 duplex) outlets, ivory finish. 6' [1.8m] cord.
Length 36" [915mm]. Receptacle center-to-center 12" [305mm].
NM20-C4
Nonmetallic Cord-Ended Plugmold – Eight (4 duplex) outlets, ivory finish. 6' [1.8m] cord.
Length 48" [1.2m]. Receptacle center-to-center 12" [305mm].
Nonmetallic Cord-Ended Plugmold Ordering Information
Questions? Call Technical Support today at 1-800-SENTREX.
u c
j
j
60 Woodlawn Street
West Hartford, CT 06110
Phone: 1.877.BY.LEGRAND (295-3472)
www.legrand.us/wiremold
570 Applewood Crescent
Vaughan, Ontario L4K 4B4
Phone:905.738.9195
© Copyright 2013 Legrand All Rights Reserved
ED795 R10 – Updated February 2013 – For latest specs visit www.legrand.us/wiremold
Catalog No./Item
Description/Specifications
IEC5
International Plug-In Outlet
Center – Five 250V, IEC 320 outlets.
Gray finish. 10A single pole circuit
breaker. Power cord not included.
Length 11" [279mm]. Receptacle
center-to-center 1 1/2" [38mm].
TÜV and UL1950 Information
Technology Listed.
International Plug-In Outlet Center Ordering Information
u c
TÜV




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl