Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UL100BC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # UL100BC
Description  Plug-In Outlet Center Units
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UL100BC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  UL100BC Datasheet HTML 1Page - List of Unclassifed Manufacturers UL100BC Datasheet HTML 2Page - List of Unclassifed Manufacturers UL100BC Datasheet HTML 3Page - List of Unclassifed Manufacturers UL100BC Datasheet HTML 4Page - List of Unclassifed Manufacturers UL100BC Datasheet HTML 5Page - List of Unclassifed Manufacturers UL100BC Datasheet HTML 6Page - List of Unclassifed Manufacturers UL100BC Datasheet HTML 7Page - List of Unclassifed Manufacturers UL100BC Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Catalog No./Item
Description/Specifications
UL309BC
Industrial Plug-In Outlet Center –
UL309BD
Nine outlets, lighted switch, 6' [1.8m]
(UL309BC) or 15' [4.6m] (UL309BD)
cord. Length 36" 915mm].
Receptacle center-to-center
3" [76mm].
UL300BC
Industrial Plug-In Outlet Center –
UL300BD
Eight outlets, lighted switch.
6' [1.8m] (UL300BC) or 15' [4.6m]
(UL300BD) cord. Length 24"
[609mm]. Receptacle center-to-
center 2" [51mm].
UL401BC
Industrial Plug-In Outlet Center –
UL401BD
Eight outlets, lighted switch.
6' [1.8m] (UL401BC) or 15' [4.6m]
(UL401BD) cord. Length 48"
[1220mm]. Receptacle center-to-
center 5 1/4" [133mm].
UL402BC
Industrial Plug-In Outlet Center –
UL402BD
Sixteen outlets, lighted switch.
6' [1.8m] (UL402BC) or 15' [4.6m]
(UL4032BD) cord. Length 48"
[1220mm]. Receptacle center-to-
center 2 1/2" [64mm].
Catalog No./Item
Description/Specifications
UL403BC
Industrial Plug-In Outlet Center –
UL403BD
Eight outlets, 6' [1.8m] (UL403BC) or
15' [4.6m] (UL403BD) cord. Length
48" [1220mm]. Receptacle center-to-
center 5 1/4" [133mm].
UL404BC
Industrial Plug-In Outlet Center –
UL404BD
Sixteen outlets, 6' [1.8m] (UL404BC)
or 15' [4.6m] (UL404BD) cord.
Length 48" [1220mm]. Receptacle
center-to-center 2 1/2" [64mm].
UL2062BC
Industrial Plug-In Outlet Center –
UL2062BD
Twelve outlets, 6' [1.8m] (UL2062BC)
or 15' [4.6m] (UL2062BD) cord.
Length 72" [1830mm]. Receptacle
center-to-center 5 1/4" [133mm].
UL2063BC
Industrial Plug-In Outlet Center –
UL2063BD
Twenty-four outlets, 6' [1.8m]
UL2063BC) or 15' [4.6m]
(UL2063BD)cord. Length 72"
[1830mm]. Receptacle center-to-
center 2 1/2" [64mm].
6
Industrial Plug-In Outlet Centers Ordering Information
j
j
j
j
j
j
j
Catalog No./Item
Description/Specifications
ULB420-6
20A Plug-In Outlet Center – Four
ULB420-15
20A, 120V, 60Hz 2500 watt outlets.
Lighted switch, putty white finish.
6' [1.8m] (ULB420-6) or 15' [4.6m]
(ULB420-15) cord. Length 10 3/4"
[273mm]. Receptacle center-to-
center 1 1/2" [38mm].
ULB620-6
20A Plug-In Outlet Center – Six
ULB620-15
20A, 120V, 60Hz 2500 watt outlets.
Lighted switch, putty white finish.
6' [1.8m] (ULB620-6) or 15' [4.6m]
(ULB620-15) cord. Length 13 1/4"
[337mm]. Receptacle center-to-
center 1 1/2" [38mm].
Catalog No./Item
Description/Specifications
ULB820-6
20A Plug-In Outlet Center – Eight
ULB820-15
20A, 120V, 60Hz 2500 watt outlets.
Lighted switch, putty white finish.
6' [1.8m] (ULB820-6) or 15' [4.6m]
(ULB820-15) cord. Length 17 1/4"
[438mm]. Receptacle center-to-
center 1 1/2" [38mm].
20A Plug-In Outlet Centers Ordering Information
j
j
j


Similar Part No. - UL100BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UL100BC ETC2-UL100BC Datasheet
1Mb / 8P
   Plug-In Outlet Center Units
More results

Similar Description - UL100BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULBH4-6 ETC2-ULBH4-6 Datasheet
1Mb / 8P
   Plug-In Outlet Center Units
SPIKECUBE ETC2-SPIKECUBE Datasheet
506Kb / 4P
   1-outlet, Direct plug-in, 600 joule Surge Suppressor
logo
Molex Electronics Ltd.
1301530221 MOLEX-1301530221 Datasheet
218Kb / 1P
   20A. IN-LINE GFCI W/HUBBEL PLUG & PORTABLE OUTLET BOX
2022/03/03
1301530140 MOLEX-1301530140 Datasheet
267Kb / 1P
   IN-LINE GFCI WITH WATERTITE PLUG AND PORTABLE OUTLET BOX
2022/03/03
logo
List of Unclassifed Man...
ISOBLOK2-0 ETC2-ISOBLOK2-0 Datasheet
533Kb / 4P
   2-outlet, Direct Plug-in, 1410 joules Isobar Surge Suppressor- Direct plug-in surge, spike and line
TLP31SAT ETC2-TLP31SAT Datasheet
545Kb / 5P
   3 outlet - 2 fixed outlets, 1 rotating power outlet and rotating coax, Direct plug-in, 1080 Joules
logo
Cooper Bussmann, Inc.
SRX COOPER-SRX Datasheet
143Kb / 2P
   Box Cover Units for Plug Fuses
logo
List of Unclassifed Man...
SK10TG ETC2-SK10TG Datasheet
538Kb / 4P
   1 Outlet, Direct Plug-In, 350 Joules, Timer - Protect It! Surge Suppressor
logo
Winchester Electronics ...
260-910-0631G WINCHESTER-260-910-0631G Datasheet
67Kb / 1P
   RDM PLUG, CRIMP CAPTIVE CENTER CONTACT
logo
List of Unclassifed Man...
ULTRAFAX ETC2-ULTRAFAX Datasheet
532Kb / 5P
   2 outlet, Direct plug-in, 1410 joules, All-Metal Housing Isobar Surge Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com