Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100201980001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100201980001
Description  Abgew. PCI Express STV 36pol
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100201980001 Datasheet(HTML) 1 Page - ERNI Electronics

  100201980001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
25,5
14,9
8,03
4,34
Index
PCIEXP
contact one of the ERNI companies
A2
Class
f
RT. Angle PCI Express 36 pins
Abgew. PCI Express STV 36pol.
100201980001
5:1
K
04.11.2011
www.ERNI.com
before using.
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
Scale
Tolerances
Information:
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
Offset von Führungssteg zu Referenzzapfen
Offset from guiding bar to reference peg
PIN 1
6
10
0,15
7,65
11,66
14,75
1,78
M 1:1
Mittellinie Leiterplatte
Centerline of daughter card
15,24
XXXX_XX ERNI RC X
Datum
Date code (see notes)
25,5
B2
A1
Board hole pattern (component mounting side)
Lochbild für Leiterplatte (Bestückungsseite)
B12
B18
A18
A12
B1
A2
1.)
3
6
10
1
1,35
9,15
Detail contact area
NOTES:
Material: LCP GF 30 schwarz
Material: LCP GF 30 black
Galvanik: min. 1,27 µm Unternickelung
über gesamten PIN - Bereich
min. 0,127 µm Au im Steckbereich
Gold - Flash im Lötbereich
Plating: min. 1,27 µm Ni entire contact
min. 0,127 µm Au in contact area
Gold - Flash plating on contact tails
1.) Fertiglochdurchmesser
finished viadiameter (PTH)
Package: Tray ( 20 pcs. )
Layout proposal is in accordance with the PCI Express spezification
daughter card layout
0,71
8,15
1,49
10
12,14
1,91 ±0,05
6 x 1 = 6
1,57 across pads
20°
ISO 2768-mK
9,4
5,84
2,54
Maß "A"
Dim "A"
Maß "B"
Dim "B"
Maß "C"
Dim "C"


Similar Part No. - 100201980001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100201920001 ERNI-100201920001 Datasheet
63Kb / 1P
   M 1,27 SRC A, 2-polig BA1
100201930001 ERNI-100201930001 Datasheet
142Kb / 1P
   Federleiste SMD, 91-pol. BM
100201940001 ERNI-100201940001 Datasheet
147Kb / 1P
   MESSERLEISTE SMC Q 68 POLIG
100201950001 ERNI-100201950001 Datasheet
131Kb / 1P
   Messerleiste RD 128
100201960001 ERNI-100201960001 Datasheet
67Kb / 1P
   Federkontakte 2,54 SRC-A BA1
More results

Similar Description - 100201980001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100201710001 ERNI-100201710001 Datasheet
62Kb / 1P
   Abgew. PCI Express STV 36pol.
100101710001 ERNI-100101710001 Datasheet
62Kb / 1P
   Abgew. PCI Express STV 36pol.
284623 ERNI-284623 Datasheet
47Kb / 1P
   Abgew. PCI Express STV 36pol
100101980001 ERNI-100101980001 Datasheet
62Kb / 1P
   Abgew. PCI Express STV 36pol
100101610001 ERNI-100101610001 Datasheet
80Kb / 1P
   Abgew. PCI Express STV 98pol
484099 ERNI-484099 Datasheet
60Kb / 1P
   Abgew. PCI Express STV 230pol
100101350001 ERNI-100101350001 Datasheet
86Kb / 1P
   Abgew. PCI Express STV 64pol.
284627 ERNI-284627 Datasheet
53Kb / 1P
   Abgew. PCI Express STV 64pol
284631 ERNI-284631 Datasheet
51Kb / 1P
   Abgew. PCI Express STV 98pol
284635 ERNI-284635 Datasheet
82Kb / 1P
   Abgew. PCI Express STV 164pol
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com