Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7109F3-TE1 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU7109F3-TE1
Description  LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7109F3-TE1 Datasheet(HTML) 2 Page - New Japan Radio

  NJU7109F3-TE1 Datasheet HTML 1Page - New Japan Radio NJU7109F3-TE1 Datasheet HTML 2Page - New Japan Radio NJU7109F3-TE1 Datasheet HTML 3Page - New Japan Radio NJU7109F3-TE1 Datasheet HTML 4Page - New Japan Radio NJU7109F3-TE1 Datasheet HTML 5Page - New Japan Radio NJU7109F3-TE1 Datasheet HTML 6Page - New Japan Radio NJU7109F3-TE1 Datasheet HTML 7Page - New Japan Radio NJU7109F3-TE1 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NJU7109
- 2 -
Ver.2009-02-19
■ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VDD
7.0
V
Differential Input Voltage
VID
±7.0
(Note1)
V
Common Mode Input Voltage
VIC
-0.3~7.0
V
Power Dissipation
PD
MTP5: 200
SC88A: 250 (Note2)
mW
Operating Temperature
Topr
-40~+85
°C
Storage Temperature
Tstg
-55~+125
°C
Note1) If the supply voltage (VDD) is less than 7.0V, the input voltage must not over the VDD level though 7.0V is limit
specified.
Note2) The power dissipation is value mounted on aglass epoxy board (FR-4) in size of 50x50x1.6 millimeters square.
Note3) Decoupling capacitor should be connected between VDD and VSS due to the stabilized operation for the circuit.
■RECOMMENDED OPERATING CONDITION
(VDD=3.0V,Ta=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VDD
1.8
-
5.5
V
■DC CHARACTERISTICS
(VDD=3.0V,RL=∞,Ta=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Current
IDD
-
100
200
µA
Input Offset Voltage
VIO
VIN=VDD/2
-
-
7
mV
Input Offset Current
IIO
-
1
-
pA
Input Bias Current
IIB
-
1
-
pA
High Level Output Voltage
VOH
IOH=-5mA
2.7
-
-
V
Low Level Output Voltage
VOL
IOL=+5mA
-
-
0.3
V
Input Common Mode
Voltage Range
VICM
0~2.4
-
-
V
■TRANSIENT CHARACTERISTICS
(VDD=3.0V,f=10kHz,CL=15pF,Ta=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Propagation Delay
Low to High
tPLH
Over Drive=100mV
-
110
-
ns
Propagation Delay
High to Low
tPHL
Over Drive=100mV
-
70
-
ns
Output Signal Rising Time
tTLH
Over Drive=100mV
-
7
-
ns
Output Signal Falling Time
tTHL
Over Drive=100mV
-
6
-
ns


Similar Part No. - NJU7109F3-TE1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7109F3 NJRC-NJU7109F3 Datasheet
176Kb / 7P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
More results

Similar Description - NJU7109F3-TE1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7109 NJRC-NJU7109 Datasheet
176Kb / 7P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7119 NJRC-NJU7119 Datasheet
178Kb / 10P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7108 NJRC-NJU7108 Datasheet
60Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7118 NJRC-NJU7118 Datasheet
64Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
2003/07/16
logo
Nippon Precision Circui...
NJU7118 NPC-NJU7118 Datasheet
75Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
logo
New Japan Radio
NJU7008 NJRC-NJU7008 Datasheet
80Kb / 4P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS OPERATIONAL AMPLIFIER
NJU7116 NJRC-NJU7116 Datasheet
76Kb / 3P
   SUPER LOW OPERATING CURRENT AND LOW OFFSET VOLTAGE TINY SINGLE C-MOS COMPARATOR
NJU7142 NJRC-NJU7142 Datasheet
159Kb / 4P
   LOW-VOLTAGE OPERATION TINY SINGLE C-MOS COMPARATOR?
NJU7141 NJRC-NJU7141 Datasheet
70Kb / 3P
   LOW-VOLTAGE OPERATION TINY SINGLE C-MOS COMPARATOR
NJU7102A NJRC-NJU7102A Datasheet
128Kb / 4P
   C-MOS COMPARATOR WITH C-MOS OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com