Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100202390001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100202390001
Description  ERmet ZDplus Messerleiste 3-10
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100202390001 Datasheet(HTML) 1 Page - ERNI Electronics

  100202390001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2,5
9 x 2,5 = 22,5
2,5
9x 2,5 = 22,5
0,75
1,5
1,2
9 x 2,5 = (22,5)
2,5
1)
ERMZD+
ERmet ZDplus Male Con. 3-10
04.10.2012
contact one of the ERNI companies
A3
Index
ERmet ZDplus Messerleiste 3-10
100202390001
2:1
Information:
Class
b
K
www.ERNI.com
before using.
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
Scale
Tolerances
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
B
Kontaktversionen, Messerkontakte
A
Contact Selection Options, Male Contacts
Leiterplattenkante
Backplane edge
0.46 ± 0.05
compliant zone for through hole
Date Code
0.46 ± 0.05
EN-Zone für durchkontaktierte
Löcher
Anforderungsstufe
class
f
e
10
9
7
8
4
3
5
6
1
2
GND cd
GND ef
GND ab
a
d
b
c
Leiterplattenoberfläche Tochterkarte
Top surface of daughter card
24,95 -0,1
see drawing 384191
Schichtaufbau im metallisierten Loch
Metal plating of plated-through hole
siehe Zeichnung 384191
1)
0.46 ± 0.05 Durchmesser des metallisierten Loches
0.46 ± 0.05 Diameter of finished plated-through hole
0.55 ± 0.02 Bohrdurchmesser des Loches
0.55 ± 0.02 Diameter of drilled hole
A+Z
siehe Bestückungsplan
see contact layout
Messerkontakte sind im Paar symmetrisch angeordnet
Male contacts within pairs are arranged symmetriecally
Einzelheit X
M 5:1
1
GND a
GND c
b
a
c
Lochbild für Leiterplatte
GND e
Leiterplattenoberfläche Tochterkarte
f
GND f
10
9
7
8
4
3
5
6
d
GND d
PCB drill hole pattern
Top surface of daughter card
(Sicht auf Bestückungsseite)
alle Löcher -
all holes
MAßSTAB 3 : 1
e
2
(Component mounting side)
GND b
0,05
X
18,9 -0,1
A
a
e
10
A
Z
GND cd
A
Z
A
A
Z
A
Z
A
A
A
A
A
Z
Z
A
A
Z
A
Z
A
A
A
A
A
Z
Z
A
A
Z
A
Z
A
A
A
A
A
Z
Z
A
A
Z
A
Z
A
A
A
A
A
Z
A
A
Z
A
A
Z
Z
A
A
Z
A
A
Z
A
A
Z
A
Z
A
A
A
A
A
Z
Z
A
A
Z
A
Z
A
A
A
A
A
Z
Z
A
f
GND ef
d
9
c
b
GND ab
2
1
6
5
3
4
8
7
Bestückungsplan -
contact layout


Similar Part No. - 100202390001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100202370001 ERNI-100202370001 Datasheet
136Kb / 1P
   Federleiste 6mm SMD, 50 polig
More results

Similar Description - 100202390001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100101500002 ERNI-100101500002 Datasheet
173Kb / 1P
   ERmet ZDplus Messerleiste 4-10
100200730009 ERNI-100200730009 Datasheet
174Kb / 1P
   ERmet ZDplus Messerleiste 4-10
100100780002 ERNI-100100780002 Datasheet
173Kb / 1P
   ERmet ZDplus Messerleiste 4-10
100203210019 ERNI-100203210019 Datasheet
174Kb / 1P
   ERmet ZDplus Messerleiste 4-10
100202100002 ERNI-100202100002 Datasheet
166Kb / 1P
   ERmet ZDplus Messerleiste 4-10
100100580005 ERNI-100100580005 Datasheet
124Kb / 1P
   ERmet ZDplus Federleiste 2-10
100603210089 ERNI-100603210089 Datasheet
213Kb / 1P
   ERmet Messerleiste B822
100203210058 ERNI-100203210058 Datasheet
151Kb / 1P
   ERmet Messerleiste A
100200180001 ERNI-100200180001 Datasheet
246Kb / 1P
   ERMET MESSERLEISTE M
100100760004 ERNI-100100760004 Datasheet
124Kb / 1P
   ERmet Messerleiste C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com