Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2806-4 Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS2806-4
Description  HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2806-4 Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS2806-4 Datasheet HTML 3Page - California Eastern Labs PS2806-4 Datasheet HTML 4Page - California Eastern Labs PS2806-4 Datasheet HTML 5Page - California Eastern Labs PS2806-4 Datasheet HTML 6Page - California Eastern Labs PS2806-4 Datasheet HTML 7Page - California Eastern Labs PS2806-4 Datasheet HTML 8Page - California Eastern Labs PS2806-4 Datasheet HTML 9Page - California Eastern Labs PS2806-4 Datasheet HTML 10Page - California Eastern Labs PS2806-4 Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PS2806-1,PS2806-4
VCC = 5 V,
IF = 1 mA,
CTR = 1 910 %
Load Resistance RL (k
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
100
0.1
1.0
10
10 000
1 000
100
10
1
tf
tr
ts
td
Forward Current IF (mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
10
5
0.1
30
1
0.5
8 000
7 000
5 000
6 000
4 000
3 000
2 000
1 000
0
Normalized to 1.0
at TA = 25 ˚C,
IF = 1 mA, VCE = 2 V
;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;
Ambient Temperature TA (˚C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
–50
50
75
100
–25
25
0
1.4
1.2
0.8
1.0
0.6
0.4
0.2
0.0
5 mA
2 mA
1 mA
IF = 0.5 mA
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
4
210
68
160
140
120
100
80
40
60
20
0
VCE = 2 V
Forward Current IF ( A)
µ
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
10
500
100
50
3 000
2 500
2 000
1 500
1 000
500
0
tr
tf
ts
td
VCC = 5 V,
IC = 2 mA,
CTR = 1 910 %
Load Resistance RL (k
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
5.0
1.0
0.5
0.1
10 000
1 000
100
10
1
VCE = 2 V
Sample A
B
C
D
Sample A
B
C
D
Data Sheet PN10254EJ01V0DS
7


Similar Part No. - PS2806-4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2806-4 NEC-PS2806-4 Datasheet
105Kb / 9P
   HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE SOP OPTOCOUPLER
logo
Renesas Technology Corp
PS2806-4 RENESAS-PS2806-4 Datasheet
266Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
logo
NEC
PS2806-4-F3 NEC-PS2806-4-F3 Datasheet
105Kb / 9P
   HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE SOP OPTOCOUPLER
logo
Renesas Technology Corp
PS2806-4-F3 RENESAS-PS2806-4-F3 Datasheet
266Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
logo
NEC
PS2806-4-F4 NEC-PS2806-4-F4 Datasheet
105Kb / 9P
   HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE SOP OPTOCOUPLER
More results

Similar Description - PS2806-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2801-1 NEC-PS2801-1 Datasheet
131Kb / 12P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
PS2705A-1 RENESAS-PS2705A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2701A-1 NEC-PS2701A-1 Datasheet
120Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2705A-1 CEL-PS2705A-1 Datasheet
835Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com