Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100203380002 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100203380002
Description  M 1,27 SRC A, 6-polig BA1
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100203380002 Datasheet(HTML) 1 Page - ERNI Electronics

  100203380002 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abspulrichtung -
Reel off Direction
330
Verpackt im Gurt nach DIN IEC 60286-3
Tape on Reel Packaging according to DIN IEC 60286-3
Verpackungseinheit: 1000 Stück
Packaging unit: 1000 pcs
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse 0,1 mm
Coplanarity Area of Termination
0,1 mm
Index
SRCA
contact one of the ERNI companies
A3
Class
f
M 1,27 SRC A, 6-polig BA1
100203380002
5:1
Information:
K
21.01.2014
www.ERNI.com
before using.
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
Scale
Tolerances
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
1) gültig bei Verwendung von Gegenstecker Federleiste 90° in SMD Ausführung
valid for use by mating female connector 90 ° in SMD version
±0,03
8,46
9,46
10,77
12,7
Kontaktbezeichnung
contact marking
11,8
1,27
5 x 1,27 = 6,35
-0,05
0,75
2,98
Leiterplatten-Layout für SMT
PCB-Layout for SMT
Kontaktbezeichnung bei Pin 1
contact marking at pin 1
±0,03
1,2
5 x 1,27 = 6,35
±0,03
10,77
1,27
-0,03
0,3
1,6
2,21
0,8
12
Sperrfläche für Leiterbahnen
gültig bei Verwendung von
Gegenstecker Federleiste 90°
in SKV Ausführung
Restricted area for conductors
valid for use by mating
female connector 90°
in IDC version


Similar Part No. - 100203380002

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100203300001 ERNI-100203300001 Datasheet
45Kb / 1P
   1,27 SRC A SKV, 3-polig d=1,27
100203338001 ERNI-100203338001 Datasheet
64Kb / 1P
   M 1,27 SRC A, 2-polig BA1
100203340001 ERNI-100203340001 Datasheet
85Kb / 1P
   0,8 DRC-B, F 4mm, 16 polig
100203370001 ERNI-100203370001 Datasheet
76Kb / 1P
   Messerl. SMC-B 26-SMD-BA7-03
More results

Similar Description - 100203380002

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100100100003 ERNI-100100100003 Datasheet
70Kb / 1P
   M 1,27 SRC A, 6-polig BA1
100102460001 ERNI-100102460001 Datasheet
71Kb / 1P
   M 1,27 SRC A, 6-polig BA1
100202940001 ERNI-100202940001 Datasheet
71Kb / 1P
   M 1,27 SRC A, 6-polig BA1
214013 ERNI-214013 Datasheet
65Kb / 1P
   M 1,27 SRC A, 6-polig BA1
394574 ERNI-394574 Datasheet
66Kb / 1P
   M 1,27 SRC A, 6-polig BA1
100504480001 ERNI-100504480001 Datasheet
71Kb / 1P
   M 1,27 SRC A, 6-polig BA1
284698 ERNI-284698 Datasheet
63Kb / 1P
   M 1,27 SRC P, 6-polig BA1
100902780004 ERNI-100902780004 Datasheet
66Kb / 1P
   M 1,27 SRC P, 6-polig BA1
100103600001 ERNI-100103600001 Datasheet
65Kb / 1P
   M 1,27 SRC P, 6-polig BA1
101303240001 ERNI-101303240001 Datasheet
68Kb / 1P
   M 1,27 SRC A, 4-polig BA1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com