Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR106 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # FR106
Description  FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FR106 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  FR106 Datasheet HTML 1Page - GOOD-ARK Electronics FR106 Datasheet HTML 2Page - GOOD-ARK Electronics FR106 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FR101 THRU FR107
FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
Features
Mechanical Data
Maximum Ratings and Electrical Characteristics @25 unless otherwise specified
Symbols
FR
101
FR
102
FR
103
FR
104
FR
105
FR
106
FR
107
FR
107
-STR
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
400
600
800
1000
1000
Volts
Maximum RMS voltage
V
RMS
35
70
140
280
420
560
700
700
Volts
Maximum DC blocking voltage
V
DC
50
100
200
400
600
800
1000
1000
Volts
Average forward rectified current
at T
A=55
I
(AV)
1.0
Amp
Peak forward surge current
8.3mS single half sine-wave
I
FSM
30.0
Amps
Maximum instantaneous forward voltage
I
FM=1.0A, TA=25¡æ (Note 3)
V
F
1.3
Volts
Maximum DC reverse current
T
A=25
at rated DC blocking voltage
T
A=100
I
R
5.0
100.0
A
Maximum reverse recovery time (Note 1)
T
rr
150
250
500
250
nS
Typical junction capacitance (Note 2)
C
J
15.0
F
Operating and Storage temperature range
T
J, TSTG
-65 to +175
Notes:
(1) Reverse recovery test conditions: I
F=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
(3) Pulse test: pulse width 300uSec, Duty cycle 1%
1
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.165
0.205
4.2
5.2
B
0.079
0.106
2.0
2.7
C
0.028
0.034
0.71
0.86
D
1.000
-
25.40
-
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Fast switching for high efficiency
Construction utilizes void-free molded plastic technique
1.0 ampere operation at T
A=55
with no thermal
runaway
High temperature soldering guaranteed:
250 /10 seconds, 0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
Case: DO-41 molded plastic body
Terminals: Plated axial leads, solderable per
MIL-STD-750, method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 ounce, 0.33 gram


Similar Part No. - FR106

ManufacturerPart #DatasheetDescription
logo
RFE international
FR106 RFE-FR106 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
logo
Surge Components
FR106 SURGE-FR106 Datasheet
119Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Yangzhou yangjie electr...
FR106 YANGJIE-FR106 Datasheet
212Kb / 4P
   Fast Recovery Rectifier
logo
DIOTEC Electronics Corp...
FR106 DEC-FR106 Datasheet
670Kb / 2P
   Fast switching for high efficiency
logo
Leshan Radio Company
FR106 LRC-FR106 Datasheet
52Kb / 2P
   1A FAST RECOVERY DIODES
More results

Similar Description - FR106

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com