Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2996BEN-L Datasheet(PDF) 8 Page - Exar Corporation

Part # SP2996BEN-L
Description  2 Amp DDR Bus Termination Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP2996BEN-L Datasheet(HTML) 8 Page - Exar Corporation

  SP2996BEN-L Datasheet HTML 1Page - Exar Corporation SP2996BEN-L Datasheet HTML 2Page - Exar Corporation SP2996BEN-L Datasheet HTML 3Page - Exar Corporation SP2996BEN-L Datasheet HTML 4Page - Exar Corporation SP2996BEN-L Datasheet HTML 5Page - Exar Corporation SP2996BEN-L Datasheet HTML 6Page - Exar Corporation SP2996BEN-L Datasheet HTML 7Page - Exar Corporation SP2996BEN-L Datasheet HTML 8Page - Exar Corporation SP2996BEN-L Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
S
SP
P2
29
99
96
6B
B
2
2 A
Am
mp
p D
DD
DR
R B
Bu
us
s T
Te
errm
miin
na
attiio
on
n R
Re
eg
gu
ulla
atto
orr
© 2010 Exar Corporation
8/9
Rev. 2.0.0
PACKAGE SPECIFICATION
8-PIN NSOIC


Similar Part No. - SP2996BEN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2996BEN SIPEX-SP2996BEN Datasheet
92Kb / 10P
   2A Bus Termination Regulator
SP2996BEN/TR SIPEX-SP2996BEN/TR Datasheet
92Kb / 10P
   2A Bus Termination Regulator
More results

Similar Description - SP2996BEN-L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2303 DIODES-AP2303 Datasheet
947Kb / 15P
   DDR BUS TERMINATION REGULATOR
logo
ON Semiconductor
NCP51199 ONSEMI-NCP51199 Datasheet
80Kb / 7P
   DDR 2-Amp Source / Sink Termination Regulator
March, 2014 ??Rev. 2
logo
Unisonic Technologies
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
   3A DDR BUS TERMINATION REGULATOR
UR5513 UTC-UR5513 Datasheet
285Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com