Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UHW1A152MPD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UHW1A152MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHW1A152MPD Datasheet(HTML) 1 Page - Nichicon corporation

  UHW1A152MPD Datasheet HTML 1Page - Nichicon corporation UHW1A152MPD Datasheet HTML 2Page - Nichicon corporation UHW1A152MPD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
HW MiniatureSized,HighRippleCurrent,HighReliabillty  
Lower impedance at high frequency range.
smaller case size and high ripple current.
Compliant to the RoHS directive(2002/95/EC).
series
Design, Specifications are subject to change without notice.
■ Specifications
Item
Performance Characteristics
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Marking
– 40 to +105°C
6.3 to 50V
220 to 15000 F
±20% at 120Hz, 20°C
After 2 minute's application of rated voltage, current is more than = 0.01CV
µ
Printed with white color letter on black sleeve.
Tangent of loss angle (tan δ)
Measurement frequency : 120Hz,
Temperature : 20
°C
Rated voltage (V)
6.3
0.21
10
0.18
16
0.15
25
0.13
35
0.11
50
0.10
tan (MAX.)
Stability at Low Temperature
Measurement frequency : 120
Hz
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
Z–25°C / Z+20°C
6.3
2
10
2
16
2
Z–40°C / Z+20°C
3
3
3
25
2
3
35
2
3
50
2
3
Endurance
Capacitance Change
tan δ
Leakage current
Within ±25% of the initial capacitance value (6.3V 10V:±30%)
200% or less than the initial specified value
Less than or equal to the initial specified value
The specifications listed at right shall be met when the
capacitors are restored to 20℃ after D.C. bias plus rated
ripple current is applied for 10000 hours at 105℃, the
peakvoltage shall not exceed the rated voltage.
2
U
1
H
2
W
3
1
4
C
5
2
6
2
7
2
8
M
9
H
10
D
11 12
Configuration
Size code
Capacitance tolerance (±20%)
Rated capacitance (2200 F)
Rated voltage (16V)
Series name
Type
L+αMAX.
15MIN
4MIN
φ
d
Pressure
relief vent
Sleeve (P.E.T.)
φ
D
Pb-free lead finishing
Pb-free PET sleeve
10
PD
12.5 to 16
HD
Configuration
Radial Lead Type
Type numbering system (Example : 16V 2200 F)
µ
µ
φ
D
P
φ
d
10
5.0
(mm)
12.5
5.0
0.6
0.6
16
7.5
0.8
α (L<20)1.5
(L≧20)2.0
*:
In case L > 25 for the φ12.5 dia. Unit, lead dia.φd=0.8mm.
Frequency coefficient of rated ripple current
Cap.(µF)
220 to 560
680 to 1800
2200 to 3900
120Hz
1kHz
10kHz
100kHz or more
0.50
0.85
0.94
1.00
0.60
0.87
0.95
1.00
0.75
0.90
0.95
1.00
Frequency
4700 to 15000
0.85
0.95
0.98
1.00
HW LongLife HV


Similar Part No. - UHW1A152MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UHW1C222MHD NICHICON-UHW1C222MHD Datasheet
767Kb / 4P
   Miniature Sized, High Ripple Current,High Reliability
UHW1C222MHD NICHICON-UHW1C222MHD Datasheet
766Kb / 4P
   Miniature Sized, High Ripple Current, High Reliability
More results

Similar Description - UHW1A152MPD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com