Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3923 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS3923
Description  High-Speed Current Mirror
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3923 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS3923 Datasheet HTML 5Page - Maxim Integrated Products DS3923 Datasheet HTML 6Page - Maxim Integrated Products DS3923 Datasheet HTML 7Page - Maxim Integrated Products DS3923 Datasheet HTML 8Page - Maxim Integrated Products DS3923 Datasheet HTML 9Page - Maxim Integrated Products DS3923 Datasheet HTML 10Page - Maxim Integrated Products DS3923 Datasheet HTML 11Page - Maxim Integrated Products DS3923 Datasheet HTML 12Page - Maxim Integrated Products DS3923 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PIN
NAME
FUNCTION
10
GND
Ground
11
VON
Negative Sample/Hold Voltage Output. Do not connect for single-ended mode.
12
VOP
Sample/Hold Voltage Output. Positive output in differential mode. Also used for single-ended output.
13
GAIN
Hold Amplifier Gain Indicator. Both as output and logic input. Indicates which current mirror’s output is
active. 3.5kΩ input/output impedance.
Pin as input (mirror selection for sample/hold):
Low: Sample/hold Conversion from Current Mirror 1 (VIP1);
High: Sample/hold Conversion from Current Mirror 2 (VIP2).
Pin as output (mirror indication for sample/hold):
Low: Sample/hold Conversion from Current Mirror 1 (VIP1);
High: Sample/hold Conversion from Current Mirror 2 (VIP2).
14
ISRC/
SHDN
Dual-Purpose Pin.
ISRC: A resistor connected to this pin controls the amount of current flowing through a current source
connected to MIROUT. (
Note: During this mode of operation, the microcontroller pin (if connected)
should be in the high impedance.)
SHDN: If pulled high, sets MIROUT to high-impedance.
15
ILIMS
Current-Limit Status. Active-low signal indicating that the current-limit threshold is exceeded.
16
APDV
APD Voltage Monitor. Provides output voltage used to calculate the voltage on the APD.
17
RLIM
Resistor Limit. Connect a resistor between RLIM and GND to set the current clamp limit.
18
DIS-
CHARGE
Discharge Enable.
When sampling is deactivated and the DISCHARGE pin logic input is low, the discharge function is
disabled.
When sampling is deactivated and the DISCHARGE pin logic input is high, the discharge function is
enabled, and the DS3923 pulls current mirror outputs VIP1 and VIP2 low to ensure accurate sam-
pling.
During the sample time, the pin discaharge is internally disabled by the DS3923. See Figure 4 and
Figure 5 for more detail.
Note: The discharge function should not be used if SENXOR is a logic-high.
19
MIROUT
Current Mirror Output. Connect to APD.
20
HVG
High-Voltage NMOS FET Gate. Connect to ground if unused.
21
MIRCAP
Mirror Filter. Connect external capacitor to filter voltage at MIROUT.
22
MIRIN
Current Mirror Input. Connect to high voltage supply.
23
HVGND
High-Voltage NMOS FET Source. Connect to ground of the DC-DC boost circuit.
24
HVD
High-Voltage NMOS FET Drain. Connect to HVGND if unused.
EP
Exposed Pad. Connect to ground with a minimum of 9 vias for thermal conductivity improvement. It is
acceptable to use solder mask between the IC and the ground pad. It is not necessary to electrically
connect the exposed pad ground.
DS3923
High-Speed Current Mirror
with Sample/Hold Output
www.maximintegrated.com
Maxim Integrated │ 9
Pin Description (continued)


Similar Part No. - DS3923

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3923T++ MAXIM-DS3923T+ Datasheet
774Kb / 15P
   High-Speed Current Mirror with Sample/Hold Output
2015
DS3923T+T*+T* MAXIM-DS3923T+T* Datasheet
774Kb / 15P
   High-Speed Current Mirror with Sample/Hold Output
2015
DS3923 MAXIM-DS3923_V01 Datasheet
774Kb / 15P
   High-Speed Current Mirror with Sample/Hold Output
2015
More results

Similar Description - DS3923

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3923 MAXIM-DS3923_V01 Datasheet
774Kb / 15P
   High-Speed Current Mirror with Sample/Hold Output
2015
logo
Zetex Semiconductors
ZDS1009 ZETEX-ZDS1009 Datasheet
124Kb / 5P
   COMPLEMENTARY CURRENT MIRROR
logo
Maxim Integrated Produc...
DS3920_1112 MAXIM-DS3920_1112 Datasheet
1Mb / 7P
   Fast Current Mirror
Rev 2; 12/11
logo
Analog Devices
ADL5315 AD-ADL5315_15 Datasheet
407Kb / 20P
   Precision Wide Range High-Side Current Mirror
REV. 0
logo
Sanyo Semicon Device
FC151 SANYO-FC151 Datasheet
136Kb / 5P
   High-Frequency Amp, Current Mirror Circuit Applications
logo
Analog Devices
ADL5315 AD-ADL5315_17 Datasheet
468Kb / 17P
   Precision Wide Range High-Side Current Mirror
logo
Diodes Incorporated
ZDS1009 DIODES-ZDS1009 Datasheet
121Kb / 5P
   SM-8 COMPLEMENTARY CURRENT MIRROR
logo
ON Semiconductor
NILMS4501N ONSEMI-NILMS4501N Datasheet
90Kb / 9P
   Power MOSFET with Current Mirror FET
May, 2006 ??Rev. 4
logo
Seme LAB
BUX80 SEME-LAB-BUX80 Datasheet
21Kb / 2P
   HIGH CURRENT HIGH SPEED
logo
Central Semiconductor C...
CMPD4150 CENTRAL-CMPD4150 Datasheet
77Kb / 2P
   high current high speed switching diodeHIGH CURRENT HIGH SPEED SWITCHING DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com