Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3923 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS3923
Description  High-Speed Current Mirror
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3923 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS3923 Datasheet HTML 1Page - Maxim Integrated Products DS3923 Datasheet HTML 2Page - Maxim Integrated Products DS3923 Datasheet HTML 3Page - Maxim Integrated Products DS3923 Datasheet HTML 4Page - Maxim Integrated Products DS3923 Datasheet HTML 5Page - Maxim Integrated Products DS3923 Datasheet HTML 6Page - Maxim Integrated Products DS3923 Datasheet HTML 7Page - Maxim Integrated Products DS3923 Datasheet HTML 8Page - Maxim Integrated Products DS3923 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Voltage on HVD, MIRIN, MIRCAP, and MIROUT
Relative to HVGND ..........................................-0.3V to +79V
Voltage on VCC and AVCC to GND ....................-0.3V to + 4.3V
Voltage on All Other Pins Relative
to GND...................-0.3V to (VCC + 0.3V) Not to Exceed +4V
Continuous Power Dissipation (TA = +70°C)
TQFN (derate 15.4mW/°C above +70°C)...............1228.9mW
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
Electrical Characteristics
(VMIRIN = 15V to 76V, VCC = 2.85V to 3.63V, TA = -40°C to +95°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Low Voltage Supply
VCC
2.85
3.63
V
Low Voltage Current
ICC
(Note 2)
8
16
mA
MIRIN Quiescent Current
IMIRIN
VMIRIN = 60V,
ISRC/SHDN =
30kΩ to GND
IMIROUT = 0µA
1
2
mA
IMIROUT = 1mA
3.2
4
MIRIN Voltage
VMIRIN
15
76
V
HV FET On-Resistance
RDSONHV VGS = 3.0V, ID = 170mA
0.85
2
HVG Voltage
VGSHV
0
VCC +
0.3
V
HVD Voltage
VDHV
76
V
HVD Leakage
IILHV
-1
+1
µA
Logic-Input Thresholds (DIFFEN,
DISCHARGE, GAIN, HVG, SEN,
SENXOR)
VIL
0.3 x
VCC
V
VIH
0.7 x
VCC
ISRC/SHDN Threshold
VIL_SHDN
1.4
V
VIH_SHDN
VCC -
0.2
ISRC/SHDN Resistor
RISRC
(Note 3
29.7
30
30.3
kΩ
Maximum MIROUT Current
ICLAMP
ISRC/SHDN =
low
RLIM = 40.2kΩ
1.4
2
2.8
mA
RLIM = 24.9kΩ
2.5
3.2
4.1
ISRC/SHDN = high
0.01
MIROUT Capacitive Load
CMIROUT
Total capacitance on MIROUT to
achieve accuracy specification
330
500
pF
Logic Output Levels (ILIMS)
VOL_ILIMS IILIMS = -2mA
0.45
V
VOH_ILIMS IILIMS = +2mA
VCC
-0.45
DS3923
High-Speed Current Mirror
with Sample/Hold Output
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.


Similar Part No. - DS3923

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3923T++ MAXIM-DS3923T+ Datasheet
774Kb / 15P
   High-Speed Current Mirror with Sample/Hold Output
2015
DS3923T+T*+T* MAXIM-DS3923T+T* Datasheet
774Kb / 15P
   High-Speed Current Mirror with Sample/Hold Output
2015
DS3923 MAXIM-DS3923_V01 Datasheet
774Kb / 15P
   High-Speed Current Mirror with Sample/Hold Output
2015
More results

Similar Description - DS3923

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3923 MAXIM-DS3923_V01 Datasheet
774Kb / 15P
   High-Speed Current Mirror with Sample/Hold Output
2015
logo
Zetex Semiconductors
ZDS1009 ZETEX-ZDS1009 Datasheet
124Kb / 5P
   COMPLEMENTARY CURRENT MIRROR
logo
Maxim Integrated Produc...
DS3920_1112 MAXIM-DS3920_1112 Datasheet
1Mb / 7P
   Fast Current Mirror
Rev 2; 12/11
logo
Analog Devices
ADL5315 AD-ADL5315_15 Datasheet
407Kb / 20P
   Precision Wide Range High-Side Current Mirror
REV. 0
logo
Sanyo Semicon Device
FC151 SANYO-FC151 Datasheet
136Kb / 5P
   High-Frequency Amp, Current Mirror Circuit Applications
logo
Analog Devices
ADL5315 AD-ADL5315_17 Datasheet
468Kb / 17P
   Precision Wide Range High-Side Current Mirror
logo
Diodes Incorporated
ZDS1009 DIODES-ZDS1009 Datasheet
121Kb / 5P
   SM-8 COMPLEMENTARY CURRENT MIRROR
logo
ON Semiconductor
NILMS4501N ONSEMI-NILMS4501N Datasheet
90Kb / 9P
   Power MOSFET with Current Mirror FET
May, 2006 ??Rev. 4
logo
Seme LAB
BUX80 SEME-LAB-BUX80 Datasheet
21Kb / 2P
   HIGH CURRENT HIGH SPEED
logo
Central Semiconductor C...
CMPD4150 CENTRAL-CMPD4150 Datasheet
77Kb / 2P
   high current high speed switching diodeHIGH CURRENT HIGH SPEED SWITCHING DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com